Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 50 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADMV4420ACPZ-R2 Datasheet HTML 46Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 47Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 48Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 49Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 50Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 51Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 52Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 53Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 61 page
background image
ADMV4420
Data Sheet
Rev. A | Page 50 of 61
ADDRESS 0x213, RESET: 0x01, NAME: PLL_MUX_SEL
PLL Mux Select
00001000: Output Logic High.
00000101:
VCO/(2 x N)
NDiv-by-2 to Mux Out, Frequency =
00000100:
REFIN/(2 x R)
RDiv-by-2 to Mux Out, Frequency =
00000001: Digital Lock Detect.
00000000: Output Logic Low.
0
1
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] PLL_MUX_SEL (R/W)
Table 31. PLL_MUX_SEL Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[7:0]
PLL_MUX_SEL
PLL mux select bits
0x1
R/W
00000000: Output logic low
00000001: Digital lock detect
00000100: R divide by 2 to mux out, frequency = REFIN /2 × R)
00000101: N divide by 2 to mux out, frequency = VCO/(2 × N)
00001000: Output logic high
ADDRESS 0x214, RESET: 0x98, NAME: LOCK_DETECT
Lock Detect Bias
11: 10uA.
10: 20uA.
01: 30uA.
00: 40uA.
Lock Detect Count
011:
Declare Lock.
8192 Consecutive PFD Cycles to
010:
Declare Lock.
4096 Consecutive PFD Cycles to
001:
Declare Lock.
2048 Consecutive PFD Cycles to
000:
Declare Lock.
1024 Consecutive PFD Cycles to
0
0
1
0
2
0
3
1
4
1
5
0
6
0
7
1
[7:6] LD_BIAS (R/W)
[2:0] RESERVED
[5:3] LD_COUNT (R/W)
Table 32. LOCK_DETECT Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[7:6]
LD_BIAS
Lock detect bias bits
0x2
R/W
00: 40 μA
01: 30 μA
10: 20 μA
11: 10 μA
[5:3]
LD_COUNT
Lock detect count bits
0x3
R/W
000: 1024 consecutive PFD cycles to declare lock
001: 2048 consecutive PFD cycles to declare lock
010: 4096 consecutive PFD cycles to declare lock
011: 8192 consecutive PFD cycles to declare lock
[2:0]
RESERVED
Reserved
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com