Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 37 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADMV4420ACPZ-R2 Datasheet HTML 33Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 34Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 35Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 36Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 37Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 38Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 39Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 40Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 61 page
background image
Data Sheet
ADMV4420
Rev. A | Page 37 of 61
THEORY OF OPERATION
REFERENCE INPUT STAGE
The reference input stage is shown in Figure 121 and employs a
differentially excited, 50 MHz crystal oscillator. Alternatively,
the reference input can be driven by an external singled-ended
50 MHz source. Use the REF_IN_MODE bit (Register 0x20E,
Bit 1) to select the input configuration. To select crystal
oscillator mode, set this bit to 0 to close the SW1 switch and
open the SW2 switch. To select single-ended mode, set this bit
to 1 to close the SW2 switch and open the SW1 switch.
The selection of a crystal oscillator must be such that the
electrical series resistance (ESR) and the load capacitance are
well defined. For worst case demonstration purposes, the
crystal oscillator selected for the evaluation board uses a
maximum ESR of 100 Ω. To ensure the crystal oscillation
startup over all temperature and process variations, a maximum
ESR of 40 Ω is recommended. The nominal crystal load
capacitance (CLOAD) = 10 pF, which is computed from series
combination of the C5 and C6 capacitors. It is recommended to
keep CLOAD between 8 pF and 12 pF. Additionally, ensure that
C21 is not installed for crystal oscillator mode, as this can
impact capacitive loading on the crystal, which can in turn
prevent the oscillation from starting up.
REFERENCE DOUBLER, R COUNTER, AND RDIV2
Following the reference input stage as shown in Figure 121,
there is an internal reference multiply by 2 block (×2 doubler)
that allows generation of higher phase frequency detector
frequencies (fPFD). A higher fPFD is useful for improving overall
system phase noise performance. Typically, doubling the fPFD
improves the inband phase noise performance by up to
3 dBc/Hz. Use the EN_REF_X2 bit (Register 0x20E, Bit 2) to
enable the reference doubler, which toggles the SW3 switch, as
shown in Figure 121.
Following the reference doubler block, there are two frequency
dividers: a 10-bit R counter (1 to 1023 allowed) and a divide
by 2 block. These dividers allow the input reference frequency
(fREF) to be divided down to produce lower fPFD, which helps to
minimize fractional-N integer boundary spurs at the output.
The R counter is set using the R_DIV bits in Register 0x20C
and Register 0x20D. If the R_DIV = 1, the SW4 switch is in the
position shown in Figure 121. Otherwise, the SW4 switch
toggles to use the R counter.
The reference divide by 2 block is enabled by using the RDIV2_
SEL bit (Register 0x20E, Bit 0), which toggles the SW5 switch,
as shown in Figure 121.
×2
DOUBLER
SW3
10-BIT
R COUNTER
SW4
÷2
SW5
TO
PFD
SW1
SW2
C21
Y1
C6
C5
R1
XTAL2/NC
REF/XTAL1
EXTERNAL
REFERENCE
Figure 121. Reference Input Path Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com