Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADMV4420ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
ADMV4420
Data Sheet
Rev. A | Page 10 of 61
TYPICAL PERFORMANCE CHARACTERISTICS
A 0 dBm external reference at 50 MHz is used with VVPOS1_VCO = VVPOS2_PLL = VVPOS3_CP = VVPOS4_IF = 5 V, RF input power = −40 dBm, and
the PLL loop filter bandwidth = 60 kHz with 45° of phase margin, unless otherwise noted.
IF = 900 MHz, LOW-SIDE INJECTION LO PERFORMANCE
RF minimum and maximum frequencies are limited by the LO frequency = 16.75 GHz to 21.15 GHz.
50
45
40
35
30
25
20
15
10
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 16. Conversion Gain vs. RF Frequency at Various Temperatures
20
18
16
14
12
10
8
4
0
6
2
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
NO FILTERING APPLIED
Figure 17. Noise Figure vs. RF Frequency at Various Temperatures
50
45
40
35
30
25
20
15
10
RF FREQUENCY (GHz)
5.25V
5.00V
4.75V
Figure 18. Conversion Gain vs. RF Frequency at Various Supply Voltages,
TA = 25°C
20
18
16
14
12
10
8
4
0
6
2
RF FREQUENCY (GHz)
5.25V
5.00V
4.75V
NO FILTERING APPLIED
Figure 19. Noise Figure vs. RF Frequency at Various Supply Voltages,
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com