Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 18Page - Infineon Technologies AG TLE8110ED Datasheet HTML 19Page - Infineon Technologies AG TLE8110ED Datasheet HTML 20Page - Infineon Technologies AG TLE8110ED Datasheet HTML 21Page - Infineon Technologies AG TLE8110ED Datasheet HTML 22Page - Infineon Technologies AG TLE8110ED Datasheet HTML 23Page - Infineon Technologies AG TLE8110ED Datasheet HTML 24Page - Infineon Technologies AG TLE8110ED Datasheet HTML 25Page - Infineon Technologies AG TLE8110ED Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 74 page
background image
Data Sheet
22
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Power Outputs
Leakage Current
Output Leakage Current in standby
mode, Channel 1 to 4
IDoff
––
3
µA
VDS = 13.5V,
VDD = 5V,
Tj = 85°C 1)
P_7.3.7
––
8
µA
VDS = 13.5V,
VDD = 5V,
Tj = 150°C
Output Leakage Current in standby
mode, Channel 5 to 6
IDoff
––
6
µA
VDS = 13.5V,
VDD = 5V,
Tj = 85°C1)
P_7.3.8
––
12
µA
VDS = 13.5V,
VDD = 5V,
Tj = 150°C
Output Leakage Current in standby
mode, Channel 7 to 10
IDoff
––
2
µA
VDS = 13.5V,
VDD = 5V,
Tj = 85°C1)
P_7.3.9
––
5
µA
VDS = 13.5V,
VDD = 5V,
Tj = 150°C
Clamping Voltage
Output Clamping Voltage, Channel 1 to
10
VDScl
45
55
60
V
–
P_7.3.10
Timing
Output Switching Frequency
fOUTx
––
20
kHz
1)
resistive load,
duty cycle > 25%
P_7.3.11
Turn-on Time
tdON
–5
10
µs
VDS = 20% of Vbatt
Vbatt = 13.5V,
IDS1 to IDS6 = 1A,
IDS7 to IDS10 = 0.5A,
resistive load
P_7.3.12
Turn-off Time
tdOFF
–5
10
µs
VDS = 80% of Vbatt
Vbatt = 13.5V,
IDS1 to IDS6 = 1A,
IDS7 to IDS10 = 0.5A,
resistive load
P_7.3.13
1) Parameter is not subject to production test, specified by design.
2) Either one of the values has to be considered as worst case limitation. Cumulative scenario and wide range of
operating conditions are treated in the Application Note “Switching Inductive Loads - TLE8110 addendum”.
Table 7
Electrical Characteristics: Power Outputs (cont’d)
3.0V < VCC < 5.5V; 4.5V < VDD < 5.5V, Tj = -40°C to +150°C, all voltages with respect to ground, positive current
flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min. Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com