Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 2Page - Infineon Technologies AG TLE8110ED Datasheet HTML 3Page - Infineon Technologies AG TLE8110ED Datasheet HTML 4Page - Infineon Technologies AG TLE8110ED Datasheet HTML 5Page - Infineon Technologies AG TLE8110ED Datasheet HTML 6Page - Infineon Technologies AG TLE8110ED Datasheet HTML 7Page - Infineon Technologies AG TLE8110ED Datasheet HTML 8Page - Infineon Technologies AG TLE8110ED Datasheet HTML 9Page - Infineon Technologies AG TLE8110ED Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
Data Sheet
6
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Block Diagram
Diagnosis
The device provides diagnosis of the load, including open load, short to GND as well as short circuit to VBatt
detection and over-load/ over-temperature indication. The SPI diagnosis flags indicates if latched fault
conditions may have occurred.
Protection
Each output stage is protected against short circuit. In case of over load, the affected channel is switched off.
The switching off reaction time is dependent on two switching thresholds. Restart of the channel is done by
clearing the Diagnosis Register 1). This feature protects the device against uncontrolled repetitive short
circuits.
There is a temperature sensor available for each channel to protect the device in case of over temperature. In
case of over temperature the affected channel is switched off and the Over-Temperature Flag is set. Restart of
the channel is done by deleting the Flag. This feature protects the device against uncontrolled temperature
toggling.
Parallel Connection of Channels
The device is featured with a central clamping structure, so-called CLAMPsafe. This feature ensures a balanced
clamping between the channels and allows in case of parallel connection of channels a high efficient usage of
the channel capabilities. This parallel mode is additionally featured by best possible parameter- and thermal
matching of the channels and by controlling the channels accordingly.
1) Restart after Clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com