Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 45 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 45 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 41Page - Infineon Technologies AG TLE8110ED Datasheet HTML 42Page - Infineon Technologies AG TLE8110ED Datasheet HTML 43Page - Infineon Technologies AG TLE8110ED Datasheet HTML 44Page - Infineon Technologies AG TLE8110ED Datasheet HTML 45Page - Infineon Technologies AG TLE8110ED Datasheet HTML 46Page - Infineon Technologies AG TLE8110ED Datasheet HTML 47Page - Infineon Technologies AG TLE8110ED Datasheet HTML 48Page - Infineon Technologies AG TLE8110ED Datasheet HTML 49Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 74 page
background image
Data Sheet
45
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Control of the device
12.2.3.2 2x8-bit protocol
Each Cycle where a serial data or command frame is sent to the S_SI of the SPI interface, a data frame is
returned at the same time by the S_SO. The content of the S_SO frame is dependent of the previous command
which has been sent to S_SI and the content of the actual content of S_SI: The first Upper Byte send to S_SI
controls the content of the Lower Byte actual returned by S_SO. The Lower Byte send to S_SI controls the
Lower Byte in S_SO of the next frame (see Figure 28).
Figure 28
2x8-bit protocol
2x8-bit protocol
S_SI Serial Input
15
14
13
12
11
10
987
6543
210
Upper Byte
Lower Byte
S_SO Serial Output
Reset value: xxxx xxxx xxxx xxxxB1)
1) after reset a Short Diagnosis and Device Status CMD_CSDS response is sent, see
Chapter 12.3.1.2.
15
14
13
12
11
10
987
6543
210
Upper Byte
Lower Byte
Bit description
Field
Bits
Type
Function
S_SI Serial Input
Upper Byte
[15:8]
Upper Byte
Contains the command, which is performed after sending 8 bit to
S_SI. The action out of this command is affecting the Lower Byte of
S_SO of the actual communication frame.
Lower Byte
[7:0]
Lower Byte
Containsthe command and data, which is performed at the end of
the actual communication frame. The action out of this command
is affection the Upper Byte of S_SO of next communication frame.
DMSx
S_CS
S_SI
S_SO
SPI_Protocol_Short_Mode.vsd
OPSx
Upper
Byte
DO
Upper
Byte
Lower
Byte
OPF
Lower
Byte
Upper
Byte
Lower
Byte
Upper
Byte
Lower
Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com