Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 69 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 69 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 65Page - Infineon Technologies AG TLE8110ED Datasheet HTML 66Page - Infineon Technologies AG TLE8110ED Datasheet HTML 67Page - Infineon Technologies AG TLE8110ED Datasheet HTML 68Page - Infineon Technologies AG TLE8110ED Datasheet HTML 69Page - Infineon Technologies AG TLE8110ED Datasheet HTML 70Page - Infineon Technologies AG TLE8110ED Datasheet HTML 71Page - Infineon Technologies AG TLE8110ED Datasheet HTML 72Page - Infineon Technologies AG TLE8110ED Datasheet HTML 73Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 74 page
background image
Data Sheet
69
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Control of the device
12.3.4
ISx - INPUT or Serial Mode Control Register, Bank A and Bank B
The INPUT or Serial Control Register [ISx[1:0] ] allows to define the way of controlling the Output Channels.
There are 4 setting options possible.
1. Standard Serial Control: The related Output Channel is set according the content of the OUTx Register.
(Chapter 12.3.3).
2. A further possibilty is the control by the Input Pins.
3. The settings of the Parallel Mode Register PMx[0] (see Chapter 12.3.5).
4. Additionally possible is the AND operation between the setting of the OUTx register and the PWM signal at
the INPUT Pin.
ISAx Command
INPUT or Serial Mode Control Register Bank A
Reset Value: 1010 1010 1010B = AAAH
11
10
98
76543210
IS6
IS5
IS4
IS3
IS2
IS1
Field
Bits
Type
Description
ISx[1:0]
[11:0]
R/W
Command - ISx[1:0]
0x: Serial Mode - The Channel is set ON/OFF by OUTx,
10: INPUT Mode - CHx ON/OFF according INx,
11: AND operate Mode INx with OUTx -> CHx ON if OUTx & INx = 1,
Default all channels ISx[1:0] = 10B.
ISBx Command
INPUT or Serial Mode Control Register Bank B
Reset Value: 0000 1010 1010B = 0AAH
11
10
98
76543210
0000
IS10
IS9
IS8
IS7
Field
Bits
Type
Description
ISx[1:0]
[7:0]
R/W
Command - ISx[1:0]
0x: Serial Mode - The Channel is set ON/OFF by OUTx,
10: INPUT Mode - CHx ON/OFF according INx,
11: AND operate Mode INx with OUTx -> CHx ON if OUTx & INx = 1,
Default all channels ISx[1:0] = 10B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com