Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE8110ED Datasheet HTML 1Page - Infineon Technologies AG TLE8110ED Datasheet HTML 2Page - Infineon Technologies AG TLE8110ED Datasheet HTML 3Page - Infineon Technologies AG TLE8110ED Datasheet HTML 4Page - Infineon Technologies AG TLE8110ED Datasheet HTML 5Page - Infineon Technologies AG TLE8110ED Datasheet HTML 6Page - Infineon Technologies AG TLE8110ED Datasheet HTML 7Page - Infineon Technologies AG TLE8110ED Datasheet HTML 8Page - Infineon Technologies AG TLE8110ED Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 74 page
background image
Data Sheet
2
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Overview
Figure 1
Block Diagram TLE8110ED
Table 1
Product Summary
Parameter
Symbol
Value
Unit
Analogue Suppy Voltage
VDD
4.50 ... 5.50
V
Digital Supply Voltage
VCC
3.00 ... 5.50
V
Clamping Voltage (CH 1-10)
VDS(CL)typ
55
V
On Resistance maximum at Tj = 25oC and IDnom
RON1-4
0.30
Ω
RON5-6
0.25
Ω
RON7-10
0.60
Ω
On Resistance maximum at T j = 150oC and IDnom
RON1-4
0.60
Ω
RON5-6
0.50
Ω
RON7-10
1.20
Ω
Nominal Output current (CH 1-4)
IDnom
1.50
A
Nominal Output current (CH 5-6)
IDnom
1.70
A
Nominal Output current (CH 7-10)
IDnom
0.75
A
Output Current Shut-down Threshold (CH 1-4) min.
IDSD(low)
2.60
A
Output Current Shut-down Threshold (CH 5-6) min.
IDSD(low)
3.70
A
Output Current Shut-down Threshold (CH 7-10) min.
IDSD(low)
1.70
A
Micro
Controller
TLE8110
I/O
I/O
IN1
IN10
SPI_SI
SPI_SI
SPI_SO
SPI_SO
SPI_CLK
SPI_CLK
SPI_CS
SPI_CS
VDD = typ. 5V
VCC = typ. 3.3….5V
RST
Supply IC
VBatt
4 to 6
Injectors
or Solenoids
General purpose
Channels in
parallel connection
General purpose
Channels for Relays
OUT1
OUT10
Appl _Diag_10ch_TLE8110 .vsd
EN
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com