Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 26Page - Infineon Technologies AG TLE8110ED Datasheet HTML 27Page - Infineon Technologies AG TLE8110ED Datasheet HTML 28Page - Infineon Technologies AG TLE8110ED Datasheet HTML 29Page - Infineon Technologies AG TLE8110ED Datasheet HTML 30Page - Infineon Technologies AG TLE8110ED Datasheet HTML 31Page - Infineon Technologies AG TLE8110ED Datasheet HTML 32Page - Infineon Technologies AG TLE8110ED Datasheet HTML 33Page - Infineon Technologies AG TLE8110ED Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 74 page
background image
Data Sheet
30
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Diagnosis
Figure 17
Block Diagram of Diagnosis
8.2
Electrical Characteristics Diagnosis
Table 10
Electrical Characteristics: Diagnosis
3.0V < VCC < 5.5V; 4.5V < VDD < 5.5V, Tj = -40°C to +150°C, all voltages with respect to ground, positive current
flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min. Typ. Max.
Open Load Diagnosis
Open load detection threshold voltage
VDSol
2.00 2.60 3.20 V
–
P_8.2.1
Output pull-down diagnosis current per
channel (low level)
IDpd
50
90
150 mA VDS = 13.5 V
P_8.2.2
Open Load Diagnosis Delay Time
(all channels)
td
100 –
220 µs
DEVS.DBT1 = 0
DEVS.DBT2
= 1 or 0
P_8.2.3
Channel 7-10:
Open Load Diagnosis Delay Time “Diagnosis
Blind Time” see chapter “Control of the
device”,Figure 18, Figure 19
td
1.65 2.5
3.45 ms DEVS.DBT1 = 1
DEVS.DBT2 = 0
P_8.2.4
a)
b)
3.3 5
7.3
ms DEVS.DBT1 = 1
DEVS.DBT2 = 1
Short to GND Diagnosis
Short to ground detection threshold
voltage
VDSsg
1.00 1.50 2.00 V
–
P_8.2.5
Output diagnosis current for short to
ground per channel (low level)
IDsg
-150 -100 -50
mA VDS = 0V
P_8.2.6
Short to GND Diagnosis Delay Time
td
100 –
220 µs
DEVS.DBT1 = 0
DEVS.DBT2
= 1 or 0
P_8.2.7
OUTn
IDSpd
Latch
V
DD
VDSsg
Diagnosis-serial.vsd
protective functions
n
n
OR
Diagnosis
Register
MUX
00
01
10
Latch
VDSol
gate control
Latch
GND
IDSsg
Temp.
Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com