Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 56 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 56 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 52Page - Infineon Technologies AG TLE8110ED Datasheet HTML 53Page - Infineon Technologies AG TLE8110ED Datasheet HTML 54Page - Infineon Technologies AG TLE8110ED Datasheet HTML 55Page - Infineon Technologies AG TLE8110ED Datasheet HTML 56Page - Infineon Technologies AG TLE8110ED Datasheet HTML 57Page - Infineon Technologies AG TLE8110ED Datasheet HTML 58Page - Infineon Technologies AG TLE8110ED Datasheet HTML 59Page - Infineon Technologies AG TLE8110ED Datasheet HTML 60Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 74 page
background image
Data Sheet
56
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Control of the device
12.3.1.3 CMD_RPC - Command: Return Pattern Check
The Command CMD_RPC offers the possibility to get returned the previous Command to check if the
communication works well. The data to be send is latched at the end of the command frame.
CMD_RSDS
S_SO Serial Output
15
14
13
12
11
10
987
6543
210
PAR
0
0
0000
0
SDS8 SDS7 SDS6 SDS5 SDS4 SDS3 SDS2 SDS1
Response description
Field
Bits
Type
Description
-
[7:0]
-
SDS - Short Diagnosis and Device Status
-0
-
SDS1 - Diagnosis Error in Channel 1 to 6
0Normal Operation,
1
Diagnosis failure.
-1
-
SDS2 - Diagnosis Error in Channel 7 to 10
0Normal Operation,
1
Diagnosis failure.
-2
-
SDS3 - Under Voltage on VCC (Digital Supply Voltage)
See Figure 35.
-3
-
SDS4 - Under Voltage on VDD (Analogue Supply Voltage)
See Figure 35.
-4
-
SDS5 - Modulo Error Counter
0Normal Operation,
1
Diagnosis failure.
-5
-
SDS6 - Previous Communication Error - Encoded Command
Ignored
0Normal Operation,
1
Previous Communication Error - Encoded Command
ignored.
-6
-
SDS7 - not used = ’0’
Always ‘0’.
-7
-
SDS7 - not used = ’0’
Always ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com