Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 60 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 60 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 56Page - Infineon Technologies AG TLE8110ED Datasheet HTML 57Page - Infineon Technologies AG TLE8110ED Datasheet HTML 58Page - Infineon Technologies AG TLE8110ED Datasheet HTML 59Page - Infineon Technologies AG TLE8110ED Datasheet HTML 60Page - Infineon Technologies AG TLE8110ED Datasheet HTML 61Page - Infineon Technologies AG TLE8110ED Datasheet HTML 62Page - Infineon Technologies AG TLE8110ED Datasheet HTML 63Page - Infineon Technologies AG TLE8110ED Datasheet HTML 64Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 74 page
background image
Data Sheet
60
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Control of the device
12.3.2
DCC - Diagnosis Registers and compactCONTROL
The DCC - Diagnosis and Compact Control Set allows to read out and clear the Diagnosis Registers.
Additionally this Command set offers the possibility to proceed with a compactCONTROL Mode using DMS -
Diagnosis Mode Set and OPS - Output Pin Set Commands. This compactCONTROL Mode offers the possibility
to Control the device with lowest work load on the micro controller side.
If any other pattern then the defined commands is recieved on S_SI, the command is ignored and rated as a
Communication Error. In this case, this incident is reported in SDS (Chapter 12.3.1.2).
If an Error in the Output Channels is detected by the diagnosis circuit, the result is latched in the diagnosis
registers related to each channel.
The Diagnosis Register is not deleted, when it is just read out. The Diagnosis Register byte can only be cleared
by using the appropriated command. In this case, the complete Register Bank is cleared.
When issuing a Diagnosis Register Clear command (DRxCL or DMSCL), the idle time tDidle needs to elapse, from
the CS low-to-high transition of the clear command, before the register content is effectively cleared
(Figure 39); This time has to be taken into account when trying to read the Diagnosis register content after a
clear, see Chapter 11.3 for tDidle defintion.
After an overcurrent entry is stored in the diagnosis register (OC), the idle time tOCidle needs to elapse before a
clear command can effectively clear the entry; if trying to clear the Diagnosis register after an OCT entry is read
(Figure 39), this time has to be taken into account starting from the CS high-to-low transition of the previous
read command, see (Chapter 11.3) for tOCidle defintion.
Response description
Field
Bits
Type
Description
--
-
INx Input Pin Status
The Status of the INx Pins is read out at the moment of CS High-to-
Low transition. Details see Figure 38.
0
INx = Low corresponding OFF
1INx = High corresponding ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com