Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE8110ED Datasheet HTML 1Page - Infineon Technologies AG TLE8110ED Datasheet HTML 2Page - Infineon Technologies AG TLE8110ED Datasheet HTML 3Page - Infineon Technologies AG TLE8110ED Datasheet HTML 4Page - Infineon Technologies AG TLE8110ED Datasheet HTML 5Page - Infineon Technologies AG TLE8110ED Datasheet HTML 6Page - Infineon Technologies AG TLE8110ED Datasheet HTML 7Page - Infineon Technologies AG TLE8110ED Datasheet HTML 8Page - Infineon Technologies AG TLE8110ED Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 74 page
background image
Data Sheet
5
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Block Diagram
2
Block Diagram
Figure 2
Block Diagram
2.1
Description
Communication
The TLE8110ED is a 10-channel low-side switch in PG-DSO-36-72 package providing embedded protection
functions. The 16-bit serial peripheral interface (SPI) can be utilized for control and diagnosis of the device and
the loads. The SPI interface provides daisy-chain capability in order to assemble multiple devices in one SPI
chain by using the same number of micro-controller pins 1).
The analogue and the digital part of the device is supplied by 5V. Logic Input and Output Signals are then
compatible to 5V logic level [TTL - level]. Optionally, the logic part can be supplied with lower voltages to
achieve signal compatibility with e.g. 3.3V logic level [CMOS - level].
The TLE8110ED is equipped with 10 parallel input pins that are routed to each output channel. This allows
control of the channels for loads driven by Pulse Width Modulation (PWM). The output channels can also be
controlled by SPI.
Reset
The device is equipped with one Reset Pin and one Enable. Reset [RST] serves the whole device, Enable [EN]
serves only the Output Control Unit and the Power Stages.
1) Daisy Chain
Block_diag_10ch_TLE8110.vsd
S_CS
S_SI
S_CLK
S_SO
SPI
(TTL or
CMOS)
open load
detection
temperature
sensor
diagnosis
register
OUT4
OUT3
OUT2
OUT1
gate
control
short circuit
detection
input
register
VCC
Input Control
(TTL or CMOS)
IN3
VDD
RST
OUT8
OUT7
OUT6
OUT5
OUT10
OUT9
short to GND
detection
IN4
IN5
IN6
IN7
IN8
IN9
IN10
IN1
IN2
control
register
Logic
control
unit
analogue
control,
diagnostic
and protective
functions
EN
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com