Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 45Page - Infineon Technologies AG TLE8110ED Datasheet HTML 46Page - Infineon Technologies AG TLE8110ED Datasheet HTML 47Page - Infineon Technologies AG TLE8110ED Datasheet HTML 48Page - Infineon Technologies AG TLE8110ED Datasheet HTML 49Page - Infineon Technologies AG TLE8110ED Datasheet HTML 50Page - Infineon Technologies AG TLE8110ED Datasheet HTML 51Page - Infineon Technologies AG TLE8110ED Datasheet HTML 52Page - Infineon Technologies AG TLE8110ED Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
Data Sheet
49
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Control of the device
8 bits have been counted, the data frame is ignored and a Communication Error is indicated in the CMD_RSDS
- Feedback (see Chapter 12.3.1.2).
12.3
Register and Command - Overview
This chapter describes the Registers and Commands. The commands allow to carry through some actions,
such as reading out or clearing the diagnosis or reading out the Input Pins.
Specially highlighted here should be the encoded CMD_DMSx/OPSx commands - compactCONTROL -, a highly
efficient command-set to set a part of the output pins and read out the diagnosis at the same time. Included
in this command set is the possibility to check, if the communication works well as also the possibility to read-
out some of the parallel Input Pins INx. Using this compact command set can reduce the workload of the
micro-controller during run-time significantly.
CMD_RSD is preformed and short diagnostics [SD] is returned after each Write Cycle to any of the writable
registers.
After start-up of the device, the registers are loaded with the default settings as described below in the register
descriptions. The Registers are cleared and set back to the default values, when a low signal is applied to the
pin RST or an under-voltage condition appears at the supply pin VCC what causes an under-voltage reset. If a
low signal at pin EN is applied or an under-voltage condition appears at pin VDD, the Registers are not cleared.
Table 15
Command Overview
Name
Type
Addr.
Short Description
see:
CMD
W 1)
1) if a read command is sent, the command is ignored and S_SO returns a frame with ’0’.
000B
Commands
Chapter 12.3.1
DCC
W 1)
001B
Diagnosis Registers and Compact Control
Chapter 12.3.2
OUTx
W/R
010B
Output Control Register CHx
Chapter 12.3.3
DEVS
W/R
011B
Device Settings
Chapter 12.3.6
MSCS
W/R
100B
Reserved
-
ISAx
W/R
101B
Input or Serial Mode Register CHx Bank A
Chapter 12.3.4
ISBx
W/R
110B
Input or Serial Mode Register CHx Bank B
Chapter 12.3.4
PMx
W/R
111B
Parallel Mode Control of CHx with CHy
Chapter 12.3.5
Table 16
Register Overview
Nam
e
Addr
.
11
10
9
876
54
321
0def.
1)
CMD W 2)
000B 011
1Command
-
DCC
W 2)
001B Command
-
OUTx W/R 010B 11OUT
10
OUT
9
OUT
8
OUT
7
OUT
6
OUT
5
OUT
4
OUT
3
OUT
2
OUT
1
C00H
DEVS W/R 011B RCP DBT2 DBT1 000
00
0DCC
10
DCC
9
DCC
18
007H
MSCS W/R 100B Reserved
000H
ISAx
W/R 101B IS6
IS5
IS4
IS3
IS2
IS1
AAAH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com