Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 19Page - Infineon Technologies AG TLE8110ED Datasheet HTML 20Page - Infineon Technologies AG TLE8110ED Datasheet HTML 21Page - Infineon Technologies AG TLE8110ED Datasheet HTML 22Page - Infineon Technologies AG TLE8110ED Datasheet HTML 23Page - Infineon Technologies AG TLE8110ED Datasheet HTML 24Page - Infineon Technologies AG TLE8110ED Datasheet HTML 25Page - Infineon Technologies AG TLE8110ED Datasheet HTML 26Page - Infineon Technologies AG TLE8110ED Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 74 page
background image
Data Sheet
23
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Power Outputs
Figure 11
CH 1-4: typical behavior of RDS_ON versus the junction temperature Tj
Figure 12
CH5-6: typical behavior of RDS_ON versus the junction temperature Tj
3) This lifetime statement is an anticipation based on an extrapolation of Infineon's qualification test results. The actual
lifetime of a component depends on its form of application and type of use etc. and may deviate from such statement.
The lifetime statement shall in no event extend the agreed warranty period.
4) Triangular Pulse Shape (inductance discharge): ID(t) = ID(0)·(1 - t / tpulse); 0 < t < tpulse.
5) Repetitive operation not allowed. Starting Tj must be kept within specs. In case of high energy pulse an immediate
switch-off strategy is recommended.
-40 -20
0
20406080 100 120 140
0,2
0,3
0,4
0,5
0,6
Tj/°C
RDS_ON /
Ohm
RON_vs_Tj_CH1-4,6.vsd
R
DS_ON vs. Tj: CH 1-4 (V DD=5V)
-40 -20
0
20406080 100 120 140
0,1
0,2
0,3
0,4
0,5
Tj/°C
RDS_ON /
Ohm
RON_vs_Tj_CH5-6.vsd
RDS_ON vs. Tj: CH 5-6 (VDD=5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com