Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE8110ED Datasheet HTML 1Page - Infineon Technologies AG TLE8110ED Datasheet HTML 2Page - Infineon Technologies AG TLE8110ED Datasheet HTML 3Page - Infineon Technologies AG TLE8110ED Datasheet HTML 4Page - Infineon Technologies AG TLE8110ED Datasheet HTML 5Page - Infineon Technologies AG TLE8110ED Datasheet HTML 6Page - Infineon Technologies AG TLE8110ED Datasheet HTML 7Page - Infineon Technologies AG TLE8110ED Datasheet HTML 8Page - Infineon Technologies AG TLE8110ED Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
Data Sheet
1
Rev. 1.0
www.infineon.com
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI
Interface
1
Overview
Features
• Overvoltage, Overtemperature, ESD-Protection
• Direct Parallel PWM Control of all Channels
• safeCOMMUNICATION (SPI and Parallel)
• Efficient Communication Mode: compactCONTROL
• Compatible with 3.3V- and 5V- Micro Controllers I/O ports
• clampSAFE for highly efficient parallel use of the channels
• Green Product
• AEC Qualified
Potential applications
• Power Switch Automotive and Industrial Systems switching Solenoids, Relays and Resistive Loads
Product validation
Qualified for Automotive Applications. Product Validation according to AEC-Q100/101.
Description
10-channel Low-Side Switch in Smart Power Technology [SPT] with Serial Peripheral Interface [SPI] and 10
open drain DMOS output stages. The TLE8110ED is protected by embedded protection functions and designed
for automotive and industrial applications. The output stages are controlled via Parallel Input Pins for PWM
use or SPI Interface. The TLE8110ED is particularly suitable for Engine Management and Powertrain Systems.
Type
Package
Marking
TLE8110ED
PG-DSO-36-72
TLE8110ED


Similar Part No. - TLE8110ED

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8110EE INFINEON-TLE8110EE Datasheet
1Mb / 72P
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0, June 2009
TLE8110EE INFINEON-TLE8110EE Datasheet
2Mb / 74P
Overvoltage, Overtemperature, ESD -Protection
TLE8110EE INFINEON-TLE8110EE_13 Datasheet
2Mb / 74P
Overvoltage, Overtemperature, ESD -Protection
More results

Similar Description - TLE8110ED

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33882 MOTOROLA-MC33882 Datasheet
779Kb / 24P
Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Freescale Semiconductor...
MC33397DW FREESCALE-MC33397DW Datasheet
575Kb / 20P
Dual/Hex Low-Side Switch with Both SPI and Parallel Input Control
33882 FREESCALE-33882 Datasheet
688Kb / 27P
Six-Output Low-Side Switch with SPI and Parallel Input Control
MC33397D FREESCALE-MC33397D Datasheet
563Kb / 20P
Dual/Hex Low-Side Switch with Both SPI and Parallel Input Control
logo
Infineon Technologies A...
TLE8110EE INFINEON-TLE8110EE Datasheet
1Mb / 72P
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0, June 2009
logo
Freescale Semiconductor...
33882 FREESCALE-33882_11 Datasheet
1Mb / 31P
Six Output Low Side Switch with SPI and Parallel Input Control
logo
Infineon Technologies A...
TLE8108EM INFINEON-TLE8108EM Datasheet
1Mb / 30P
Smart 8-Channel Low Side Relay Driver with SPI Interface
Rev. 1.0, 2011-03-23
logo
NXP Semiconductors
MC33882 NXP-MC33882 Datasheet
1Mb / 30P
Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
logo
Texas Instruments
TPS274C65 TI-TPS274C65 Datasheet
2Mb / 82P
TPS274C65xS 65-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
APRIL 2023
TPS274C65 TI-TPS274C65_V01 Datasheet
2Mb / 87P
TPS274C65xS 72-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
REVISED OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com