Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 40 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 40 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 36Page - Infineon Technologies AG TLE8110ED Datasheet HTML 37Page - Infineon Technologies AG TLE8110ED Datasheet HTML 38Page - Infineon Technologies AG TLE8110ED Datasheet HTML 39Page - Infineon Technologies AG TLE8110ED Datasheet HTML 40Page - Infineon Technologies AG TLE8110ED Datasheet HTML 41Page - Infineon Technologies AG TLE8110ED Datasheet HTML 42Page - Infineon Technologies AG TLE8110ED Datasheet HTML 43Page - Infineon Technologies AG TLE8110ED Datasheet HTML 44Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 74 page
background image
Data Sheet
40
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
16 bit SPI Interface
11.3
Electrical Characteristics 16 bit SPI Interface
Table 13
Electrical Characteristics: 16 bit SPI Interface
3.0V < VCC < 5.5V; 4.5V < VDD < 5.5V, Tj = -40°C to +150°C, all voltages with respect to ground, positive current
flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ. Max.
Input Characteristics (CS, SCLK, SI)
L level of pin
S_CS,
S_CLK,
S_SI,
VS_CSI
VS_CLKl
VS_SIl
-0.3
–
VCC* 0.2 V
–
P_11.3.1
H level of pin
S_CS,
S_CLK,
S_SI,
VS_CSh
VS_CLKh
VS_SIh
VCC* 0.4 –
VCC
V–
P_11.3.2
Hysteresis Input Pins
VS_CShy
VS_CLKhy
VS_SIhy
20
100 300
mV –
P_11.3.3
Input Pin pull-down Current
S_CLK, S_SI
IS_CLKh
IS_Slh
20
40
85
µA
VIN = 5V
P_11.3.4
a)
b)
IS_CLKl
IS_Slh
2.4
–
–
µA
VIN = 0.6V 1)
Input Pin pull-up Current
S_CS
IS_CSh
-4
–
–
µA
VS_CS = 2V,
VCC = 5V
P_11.3.5
a)
b)
IS_CSl
-20
-40
-85
µA
VS_CS = 0 V,
VCC = 5V
Output Characteristics (SO)
L level output voltage
VS_SOl
0–
0.4
V
IS_SO = -2 mA
P_11.3.6
H level output voltage
VS_SOh
Vcc -
0.4 V
–
Vcc
–
IS_SO= 1.5 mA
P_11.3.7
Output tristate leakage current
IS_SOoff -10
–
10
µA
VS_SO = Vcc
P_11.3.8
Timings
Serial clock frequency
fS_CLK
0–
5
MHz CL= 50 pF 1)
P_11.3.9
Serial clock period
tS_CLK(P) 200
–
–
ns
1)
P_11.3.10
Serial clock high time
tSCLK(H) 50
–
–
ns
1)
P_11.3.11
Serial clock low time
tSCLK(L) 50
–
–
ns
1)
P_11.3.12
Enable lead time (falling CS to rising
SCLK)
tCS(lead) 250
–
–
ns
1)
P_11.3.13
Enable lag time (falling SCLK to rising
CS)
tCS(lag)
250
–
–
ns
1)
P_11.3.14
Transfer delay time (rising CS to
falling CS)
tCS(td)
250
–
–
ns
1)
P_11.3.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com