Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 8Page - Infineon Technologies AG TLE8110ED Datasheet HTML 9Page - Infineon Technologies AG TLE8110ED Datasheet HTML 10Page - Infineon Technologies AG TLE8110ED Datasheet HTML 11Page - Infineon Technologies AG TLE8110ED Datasheet HTML 12Page - Infineon Technologies AG TLE8110ED Datasheet HTML 13Page - Infineon Technologies AG TLE8110ED Datasheet HTML 14Page - Infineon Technologies AG TLE8110ED Datasheet HTML 15Page - Infineon Technologies AG TLE8110ED Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 74 page
background image
Data Sheet
12
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
General Product Characteristics
Note:
Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics
table.
4.3
Thermal Resistance
Table 4
Thermal Resistance
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min. Typ. Max.
Junction to Soldering Point
RthJC
11.50
K/W
Pvtot= 3W 1) 2)
1) Not subject to production test, specified by design.
2) Homogenous power distribution over all channels (All Power stages equally heated), dependent on cooling set-up.
P_4.3.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com