Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 14Page - Infineon Technologies AG TLE8110ED Datasheet HTML 15Page - Infineon Technologies AG TLE8110ED Datasheet HTML 16Page - Infineon Technologies AG TLE8110ED Datasheet HTML 17Page - Infineon Technologies AG TLE8110ED Datasheet HTML 18Page - Infineon Technologies AG TLE8110ED Datasheet HTML 19Page - Infineon Technologies AG TLE8110ED Datasheet HTML 20Page - Infineon Technologies AG TLE8110ED Datasheet HTML 21Page - Infineon Technologies AG TLE8110ED Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 74 page
background image
Data Sheet
18
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Power Outputs
7
Power Outputs
7.1
Description Power Outputs
The TLE8110ED is a 10 channel low-side powertrain switch. The power stages are built by N-channel power
MOSFET transistors. The device is a universal multichannel switch but mostly suited for the use in Engine
Management Systems [EMS]. Within an EMS, the best fit of the channels to the typical loads is:
• Channel 1 to 4 for Injector valves or mid-sized solenoids with a nominal current requirement of 1.5A,
• Channel 5 to 6 for mid-sized solenoids or Injector valves with nominal current requirement of 1.7A,
• Channel 7 to 10 for small solenoids or relays with a nominal current requirement of 0.75A.
Channel 1 to 10 provide enhanced clamping capabilities of typically 55V best suited for inductive loads such
as injectors and valves. It is recommended in case of an inductive load, to connect an external free wheeling-
or clamping diode, where-ever possible to reduce power dissipation.
All channels can be connected in parallel. Channels 1 to 4, 5 to 6 and 7 to 10 are prepared by matching for
parallel connection with the possibility to use a high portion of the capability of each single channel also in
parallel mode (refer to Chapter 7.4).
Channel 5 and 6 have a higher current shut down threshold to allow to connect in parallel mode a load with
high inrush-current, such as a lambda sensor heater.
Figure 7
Block Diagram of Control and Power Outputs
Block _diag_10ch_TLE8x10_Outputs.vsd
open load
detection
temperature
sensor
diagnosis
register
OUT4
OUT3
OUT2
OUT1
gate
control CH1
short circuit
detection
input
register
IN3
VDD
RST
OUT8
OUT7
OUT6
OUT5
OUT10
OUT9
short to GND
detection
INx
IN1
IN2
control
register
EN
GND
VCC
gate
control CH2
Serial and
Parallel Input
control
(for details , see
Chapter „Control
of the device“ )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com