Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 29Page - Infineon Technologies AG TLE8110ED Datasheet HTML 30Page - Infineon Technologies AG TLE8110ED Datasheet HTML 31Page - Infineon Technologies AG TLE8110ED Datasheet HTML 32Page - Infineon Technologies AG TLE8110ED Datasheet HTML 33Page - Infineon Technologies AG TLE8110ED Datasheet HTML 34Page - Infineon Technologies AG TLE8110ED Datasheet HTML 35Page - Infineon Technologies AG TLE8110ED Datasheet HTML 36Page - Infineon Technologies AG TLE8110ED Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 74 page
background image
Data Sheet
33
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Parallel Inputs
9
Parallel Inputs
9.1
Description Parallel Inputs
There are 10 input pins available are on TLE8110ED to control the output stages.
Each input signal controls the output stages of its assigned channel. For example, IN1 controls OUT1, IN2
controls OUT2, etc.
A “Low”-Signal at INx switches the related Output Channel off. The zener diode protects the input circuit
against ESD pulses.
For details about the Boolean operation, refer to the chapter “Control of the device”, for details about timing
refer to Figure 11.
9.2
Electrical Characteristics Parallel Inputs
Table 11
Electrical Characteristics: Parallel Inputs
3.0V < VCC < 5.5V; 4.5V < VDD < 5.5V, Tj = -40°C to +150°C, all voltages with respect to ground, positive current
flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ. Max.
Parallel Inputs
Low Level of parallel Input pin
VINxl
-0.3
–
VCC*0.2 V
–
P_9.2.1
High Level of Parallel Input pin
VINxh
VCC*0.4 –
VCC
V–
P_9.2.2
Parallel Input Pin Switching Hysteresis
VINxhy
–
15
60
300
mV 1)
1) Parameter not subject to production test. Specified by design.
P_9.2.3
Input Pin pull-down Current
IINxh
20
40
85
µA
VINx = 5V
P_9.2.4
a)
b)
IINxl
2.4
–
–
µA
VINx = 0.6V 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com