Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 6Page - Infineon Technologies AG TLE8110ED Datasheet HTML 7Page - Infineon Technologies AG TLE8110ED Datasheet HTML 8Page - Infineon Technologies AG TLE8110ED Datasheet HTML 9Page - Infineon Technologies AG TLE8110ED Datasheet HTML 10Page - Infineon Technologies AG TLE8110ED Datasheet HTML 11Page - Infineon Technologies AG TLE8110ED Datasheet HTML 12Page - Infineon Technologies AG TLE8110ED Datasheet HTML 13Page - Infineon Technologies AG TLE8110ED Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 74 page
background image
Data Sheet
10
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Table 2
Absolute Maximum Ratings 1)
Tj = -40°C to +150°C; all voltages with respect to ground, positive current flowing into pin (unless otherwise
specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ. Max.
Supply Voltages
Digital Supply voltage
VCC
-0.3
–
5.5
V
permanent
P_4.1.1
Digital Supply voltage
VCC
-0.3
–
6.2
V
t < 10s
P_4.1.2
Analogue Supply voltage
VDD
-0.3
–
5.5
V
permanent
P_4.1.3
Analogue Supply voltage
VDD
-0.3
–
6.2
V
t < 10s
P_4.1.4
Power Stages
Load Current (CH 1 to 10)
IDn
––
IDSD(low) A–
P_4.1.5
Reverse Current Output (CH 1- 10)
IDn
-IDSD(low) –-
A
–
P_4.1.6
Total Ground Current
IGND
-20
–
20
A
–
P_4.1.7
Continuous Drain Source Voltage
(Channel 1 to 10)
VDSn
-0.3
–
45
V
–
P_4.1.8
maximum Voltage for short circuit
protection on Output
VDSn
–
–
24
V
one event on one
single channel
P_4.1.9
Clamping Energy - Single Pulse 2) 3)
Single Clamping Energy
Channel Group 1-4
EAS
––
29
mJ ID = 2.6A,
1 single pulse
P_4.1.10
Single Clamping Energy
Channel Group 5-6
EAS
––
31
mJ ID = 3.7A,
1 single pulse
P_4.1.11
Single Clamping Energy
Channel Group 7-10
EAS
––
11
mJ ID = 1.7A,
1 single pulse
P_4.1.12
Logic Pins (SPI, INn, EN, RST)
Input Voltage at all Logic Pin
Vx
-0.3
–
5.5
V
permanent
P_4.1.13
Input Voltage at all Logic Pin
Vx
-0.3
–
6.2
V
t < 10s
P_4.1.14
Input Voltage at Pin 27, 28 (IN9, 10) Vx
-0.3
–
45
V
permanent
P_4.1.15
Temperatures
Junction Temperature
Tj
-40
–
150
oC–
P_4.1.16
Junction Temperature
Tj
-40
–
175
oC
max. 100hrs
cumulative
P_4.1.17
Storage Temperature
Tstg
-55
–
150
oC–
P_4.1.18
ESD Robustness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com