Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 35Page - Infineon Technologies AG TLE8110ED Datasheet HTML 36Page - Infineon Technologies AG TLE8110ED Datasheet HTML 37Page - Infineon Technologies AG TLE8110ED Datasheet HTML 38Page - Infineon Technologies AG TLE8110ED Datasheet HTML 39Page - Infineon Technologies AG TLE8110ED Datasheet HTML 40Page - Infineon Technologies AG TLE8110ED Datasheet HTML 41Page - Infineon Technologies AG TLE8110ED Datasheet HTML 42Page - Infineon Technologies AG TLE8110ED Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
Data Sheet
39
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
16 bit SPI Interface
11
16 bit SPI Interface
11.1
Description 16 bit SPI Interface
The diagnosis and control interface is based on a serial peripheral interface (SPI).
The SPI is a full duplex synchronous serial slave interface, which uses four lines: S_SO, S_SI, S_CLK and S_CS.
Data is transferred by the lines S_SI and S_SO at the data rate given by S_CLK. The falling edge of S_CS
indicates the beginning of a data access. Data is sampled in on line S_SI at the falling edge of S_CLK and shifted
out on line SO at the rising edge of SCLK. Each access must be terminated by a rising edge of S_CS. A modulo
8 counter ensures that data is taken only, when a multiple of 8 bit has been transferred. If in one transfer cycle
not a multiple of 8 bits have been counted, the data frame is ignored. The interface provides daisy chain
capability.
Figure 24
16 bit SPI Interface
The SPI protocol is described in Chapter “Control of the device”. Concerning Reset of the SPI, please refer to
the chapter “Reset”.
11.2
Timing Diagrams
Figure 25
SPI timing diagram
14
13
12
11
14
13
12
11
MSB
MSB
LSB
6
5
4
3
2
1
LSB
6
5
4
3
2
1
10
9
8
10
9
8
7
7
S_SO
S_SI
S_CS
S_CLK
time
SPI.vsd
S_CS
S_CLK
S_SI
t
CS lead
t
CStd
t
CSlag
t SCLKh
t SCLKl
t SCLKp
t SIsu
t SIh
S_SO
t
SOdis
0.7Vdd
0.2Vdd
0.7Vdd
0.2V
dd
0.7Vdd
0.2Vdd
0.7Vdd
0.2Vdd
Timing SPI.vsd
t
SOv
t
SO(en)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com