Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 3Page - Infineon Technologies AG TLE8110ED Datasheet HTML 4Page - Infineon Technologies AG TLE8110ED Datasheet HTML 5Page - Infineon Technologies AG TLE8110ED Datasheet HTML 6Page - Infineon Technologies AG TLE8110ED Datasheet HTML 7Page - Infineon Technologies AG TLE8110ED Datasheet HTML 8Page - Infineon Technologies AG TLE8110ED Datasheet HTML 9Page - Infineon Technologies AG TLE8110ED Datasheet HTML 10Page - Infineon Technologies AG TLE8110ED Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
Data Sheet
7
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Pin Configuration
3
Pin Configuration
3.1
Pin Assignment
Figure 3
Pin Configuration
3.2
Pin Definitions and Functions
Pin
Symbol
Function
1GND
Ground
2
P_IN1
Parallel Input Pin 1. Default assignment to Output Channel 1
3
P_IN2
Parallel Input Pin 2. Default assignment to Output Channel 2
4
EN
Enable Input Pin. If not needed, connect with Pull-up resistor to VCC
5
RST
Reset Input Pin (active low). If not needed, connect with Pull-up resistor to VCC
6
P_IN3
Parallel Input Pin 3. Default assignment to Output Channel 3
7
P_IN4
Parallel Input Pin 4. Default assignment to Output Channel 4
8
VDD
Analogue Supply Voltage
9
P_IN5
Parallel Input Pin 5. Default assignment to Output Channel 5
10
VCC
Digital Supply Voltage
11
S_SO
Serial Peripheral Interface [SPI], Serial Output
12
S_CLK
Serial Peripheral Interface [SPI], Clock Input
13
S_CS
Serial Peripheral Interface [SPI], Chip Select (active low)
14
S_SI
Serial Peripheral Interface [SPI], Serial Input
15
P_IN6
Parallel Input Pin 6. Default assignment to Output Channel 6
1
2
3
4
5
6
7
8
9
10
12
13
14
15
16
17
18
36
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
11
35
GND
P_IN1
P_IN2
EN
RST
P_IN3
P_IN4
VDD
P_IN5
VCC
S_SO
S_CLK
S_CS
S_SI
P_IN6
P_IN7
P_IN8
GND
GND
OUT7
OUT8
N.C.
GND
OUT5
OUT1
OUT2
P_IN10
P_IN9
OUT3
OUT4
OUT6
GND
N.C.
OUT10
OUT9
GND
Exposed Pad
(back-side)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com