Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 57 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 57 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 53Page - Infineon Technologies AG TLE8110ED Datasheet HTML 54Page - Infineon Technologies AG TLE8110ED Datasheet HTML 55Page - Infineon Technologies AG TLE8110ED Datasheet HTML 56Page - Infineon Technologies AG TLE8110ED Datasheet HTML 57Page - Infineon Technologies AG TLE8110ED Datasheet HTML 58Page - Infineon Technologies AG TLE8110ED Datasheet HTML 59Page - Infineon Technologies AG TLE8110ED Datasheet HTML 60Page - Infineon Technologies AG TLE8110ED Datasheet HTML 61Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 74 page
background image
Data Sheet
57
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Control of the device
Figure 36
SPI Feedback on CMD_RPC
12.3.1.4 CMD_RINx - Command: Return Input Pin (INx) - Status
The Command CMD_RINx offers the possibility to read out the actual status of the Input Pins. This command
allows to check the correct communication on the INx Pins. The data to be send is latched at the end of the
command frame.
CMD_RPC
S_SO Serial Output
15
14
13
12
11
10
987
6543
210
PAR
= 0
00
0011
1000
0010
0
Response description
Field
Bits
Type
Description
--
-
CMD_RPC is returned
W
CMD_RPC
R/W
xxxx
dept. of
previous R/W
CMD_RPC
xxxx
S_CS
S_SI
S_SO
SPI_Protocol_CMD_RPC.vsd
CMD_RPC
R/W
xxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com