Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 52 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 52 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 48Page - Infineon Technologies AG TLE8110ED Datasheet HTML 49Page - Infineon Technologies AG TLE8110ED Datasheet HTML 50Page - Infineon Technologies AG TLE8110ED Datasheet HTML 51Page - Infineon Technologies AG TLE8110ED Datasheet HTML 52Page - Infineon Technologies AG TLE8110ED Datasheet HTML 53Page - Infineon Technologies AG TLE8110ED Datasheet HTML 54Page - Infineon Technologies AG TLE8110ED Datasheet HTML 55Page - Infineon Technologies AG TLE8110ED Datasheet HTML 56Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 74 page
background image
Data Sheet
52
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Control of the device
12.3.1
CMD - Commands
By using the Address Range CMD[14:12] = ’000’ commands can be send to the device. The feedback of the
commands is provided in the next SPI SO frame. Details about the Feedback on each command is described
in the Chapter 12.3.1.1.
It is possible to perform per each Communication Frame ONE command out of Group-A (see following
description of the commands) and ONE command out of Group-B at the same time. Performing more then one
Command of one Group is not possible. For the case, this happens, the commands are ignored.
Overview Commands
CMD Command Register
S_SI Serial Input
CMD
11
10
987
6543
210
RSD
0
1110
0000
001
RSDS
0
1110
0000
010
RPC
0
1110
0000
100
RINx
0
1110
0001
000
CSDS
0
1110
0010
000
NOP
0
1110
0000
000
Command description
Field
Command Type
Function
Command Bits Group-B (Bits [7:4]). All other bit combinations are not valid. Command will be ignored
then.
NOP
0000
W
NOP - no operation
A frame with 0000H will be returned.
CMD_CSDS
0001
W
CMD_CSDS - Command: Clear Short Diagnosis and Device
Status
Clear the Device Status information.
Performing this Clear Command clears the Information in the Reset
and Communication Error Information as long as the incident is
not present anymore. If the incident is still present, the related Bits
remain setted. Performing this command does NOT clear the
Diagnosis Registers. The Diagnosis Information is cleared by the
Clear Diagnosis Commands (see Chapter 12.3.2).
SO returns a Frame with 0000H after performing CMD_CSDS or in
case this command is carried out together with a command out of
Group-A, the feedback is according the Group-A command.
Command Bits Group-A (Bits [3:0]). All other bit combinations are not valid. Command will be ignored
then.
CMD_NOP
0000
W
NOP - no operation
A frame with 0000H will be returned.
CMD_RINx
1000
W
CMD_RINx - Command: Return Input Pin INx -Status
See Chapter 12.3.1.4.
CMD_RPC
0100
W
CMD_PRC - Command: Return Pattern Check
See Chapter 12.3.1.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com