Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 36 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 32Page - Infineon Technologies AG TLE8110ED Datasheet HTML 33Page - Infineon Technologies AG TLE8110ED Datasheet HTML 34Page - Infineon Technologies AG TLE8110ED Datasheet HTML 35Page - Infineon Technologies AG TLE8110ED Datasheet HTML 36Page - Infineon Technologies AG TLE8110ED Datasheet HTML 37Page - Infineon Technologies AG TLE8110ED Datasheet HTML 38Page - Infineon Technologies AG TLE8110ED Datasheet HTML 39Page - Infineon Technologies AG TLE8110ED Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 74 page
background image
Data Sheet
36
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Protection Functions
Long Overload shutdown Delay
Time (all Channels)
tOFFcl_l
10
40
70
µs
valid for “Output
Current Threshold
Low”
P_10.1.8
Over Temperature Protection
Thermal Shut Down Temperature TjSD
175 190
205 °C
1)
P_10.1.9
Thermal Shut Down Hysteresis
TjSDh
10
–
20
K
1)
P_10.1.10
Reverse Current Protection
Reverse Current Comparator
Switch-off Current level CH 1 - 4
IRCP_off
–
-0.9
–
A
DEVS.RCP = 1,
Tj = 25°C 1)
P_10.1.11
Reverse Current Comparator
Switch-off Current level CH 5 - 6
IRCP_off
–
-0.6
–
A
DEVS.RCP = 1,
Tj = 25°C 1)
P_10.1.12
Reverse Current Comparator
Switch-off Current level CH 7 - 10
IRCP_off
–
-0.45
–
A
DEVS.RCP = 1,
Tj = 25°C 1)
P_10.1.13
Reverse Current Comparator
switch on delay time
tRCP_on_
delay
–
24
–
µs
DEVS.RCP = 1,
Tj = 25°C 1)
P_10.1.14
1) Parameter not subject to production test. Specified by design.
Table 12
Electrical Characteristics: Overload Protection Function (cont’d)
3.0V < VCC < 5.5V; 4.5V < VDD < 5.5V, Tj = -40°C to +150°C, all voltages with respect to ground, positive current
flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min. Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com