Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 44 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 44 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 40Page - Infineon Technologies AG TLE8110ED Datasheet HTML 41Page - Infineon Technologies AG TLE8110ED Datasheet HTML 42Page - Infineon Technologies AG TLE8110ED Datasheet HTML 43Page - Infineon Technologies AG TLE8110ED Datasheet HTML 44Page - Infineon Technologies AG TLE8110ED Datasheet HTML 45Page - Infineon Technologies AG TLE8110ED Datasheet HTML 46Page - Infineon Technologies AG TLE8110ED Datasheet HTML 47Page - Infineon Technologies AG TLE8110ED Datasheet HTML 48Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 74 page
background image
Data Sheet
44
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Control of the device
Note:
Reading a register needs two SPI frames. In the first frame the RD command is sent. In the second
frame the output at SPI signal SO will contain the requested information. A new command can be
executed in the second frame.
16-bit protocol
S_SI Serial Input
15
14
13
12
11
10
987
6543
210
W/R
ADDR
DATA/CMD
S_SO Serial Output
Reset value: xxxx xxxx xxxx xxxxB1)
1) after reset a Short Diagnosis and Device Status CMD_CSDS response is sent, see
Chapter 12.3.1.2.
15
14
13
12
11
10
987
6543
210
PAR
ADDR
DATA
Bit description
Field
Bits
Type
Function
S_SI Serial Input
W
/R
15
Write/Read
0
Write register: The register content of the addressed register
will be updated after CS low → high transition. After sending a
WRITE command, the device returns data according the
addressed register,
1
Read register: The register content of the addressed register
will be sent in the next frame.
ADDR
[14:12]
ADDR - Address
Pointer to register for read and write command.
DATA/CMD
[11:0]
DATA_CMD - Data / Command
Data written to or read from register selected by address ADDR.
S_SO Serial Output
PAR
15
PAR - Parity Bit
0
Even number of ‘1’ in data and address field,
1
Odd number of ‘1’ in data and address field.
ADDR
[14:12]
Address
Address which has been addressed.
DATA
[11:0]
Data
Content of Address or feedback data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com