Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 70 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 70 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 66Page - Infineon Technologies AG TLE8110ED Datasheet HTML 67Page - Infineon Technologies AG TLE8110ED Datasheet HTML 68Page - Infineon Technologies AG TLE8110ED Datasheet HTML 69Page - Infineon Technologies AG TLE8110ED Datasheet HTML 70Page - Infineon Technologies AG TLE8110ED Datasheet HTML 71Page - Infineon Technologies AG TLE8110ED Datasheet HTML 72Page - Infineon Technologies AG TLE8110ED Datasheet HTML 73Page - Infineon Technologies AG TLE8110ED Datasheet HTML 74Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 70 / 74 page
background image
Data Sheet
70
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Control of the device
12.3.5
PMx - Parallel Mode Register CHx
The Parallel Mode Register PMx[1] allows to “inform” the device about externally parallel connected output
channels. If a PMx bit is set, the “lower” related Input Channel controls the indicated Output Channels to
achieve best possible matching and according to that highest efficiency of both channels. Additionally to that,
the CLAMPsafe feature allows high matching during clamping.
PMx Command
Parallel Mode Register CHx; Reset Value: 0000 0000 0000B= 000H
11
10
98
76543210
0000
PM910
PM89
PM78
PM56
0
PM34
PM23
PM12
Field
Bits
Type
Description
PMx
[11:8]
R/W
0
PMx
[7:0]
R/W
PMx - Parallel Mode Bit
0Direct Mode,
1
Parallel Mode of Channel 1 with x+1.
Default PMx[0] = 0.
Controlling Parallel Mode is possible between Channel 1 to 4, 5 to
6, 7 to 10. In between the groups, no parallel mode is supported but
possible.
In case Parallel Mode is chosen and a diagnosis error at only one of
the channels is detected, the according diagnosis bit is set. This
information mismatch can be caused by tolerance related
inbalance of the channels connected together in parallel mode.
The diagnosis bits should be or-operated by the Micro Controller
side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com