Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 53 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 53 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 49Page - Infineon Technologies AG TLE8110ED Datasheet HTML 50Page - Infineon Technologies AG TLE8110ED Datasheet HTML 51Page - Infineon Technologies AG TLE8110ED Datasheet HTML 52Page - Infineon Technologies AG TLE8110ED Datasheet HTML 53Page - Infineon Technologies AG TLE8110ED Datasheet HTML 54Page - Infineon Technologies AG TLE8110ED Datasheet HTML 55Page - Infineon Technologies AG TLE8110ED Datasheet HTML 56Page - Infineon Technologies AG TLE8110ED Datasheet HTML 57Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 74 page
background image
Data Sheet
53
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Control of the device
12.3.1.1 CMD_RSD - Command: Return Short Diagnosis
The Command CMD_RSD offers the possibility to read out the OR-operated “short”-Diagnosis within one SO
Feedback Frame. The data to be send is latched at the end of the command frame.
Figure 33
SPI Feedback on CMD_RSD
CMD_RSDS
0010
W
CMD_RSDS - Command: Return Short Diagnosis and Device
Status
See Chapter 12.3.1.2.
CMD_RSD
0001
W
CMD_RSD - Command: Return Short Diagnosis
See Chapter 12.3.1.1.
CMD_RSD
S_SO Serial Output
15
14
13
12
11
10
987
6543
210
PAR
0
0
0
0
0
SD10 SD9
SD8
SD7
SD6
SD5
SD4
SD3
SD2
SD1
Response description
Field
Bits
Type
Description
--
-
SD1-10 Short Diagnosis
0Normal Operation,
1
Each SD-Bit contains the NAND-operated Diagnosis Error of
each related Channel. Details can be read in diagnosis
registers.
SD is returned after each Write Cycle to any of the writable
registers.
Command description
Field
Command Type
Function
W
CMD_RSD
R/W
xxxx
dept. of
previous R/W
SD
xxxx
S_CS
S_SI
S_SO
SPI_Protocol_CMD_RSD.vsd
CMD_RSD
R/W
xxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com