Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 41 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 41 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 37Page - Infineon Technologies AG TLE8110ED Datasheet HTML 38Page - Infineon Technologies AG TLE8110ED Datasheet HTML 39Page - Infineon Technologies AG TLE8110ED Datasheet HTML 40Page - Infineon Technologies AG TLE8110ED Datasheet HTML 41Page - Infineon Technologies AG TLE8110ED Datasheet HTML 42Page - Infineon Technologies AG TLE8110ED Datasheet HTML 43Page - Infineon Technologies AG TLE8110ED Datasheet HTML 44Page - Infineon Technologies AG TLE8110ED Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 74 page
background image
Data Sheet
41
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
16 bit SPI Interface
Data setup time (required time SI to
falling SCLK)
tSI(su)
20
–
–
ns
1)
P_11.3.16
Data hold time (falling SCLK to SI)
tSI(h)
20
–
–
ns
1)
P_11.3.17
Output enable time (falling CS to SO
valid)
tSO(en)
–
–
200
ns
CL = 50 pF 1)
P_11.3.18
Output disable time (rising CS to SO
tri-state)
tSO(dis)
–
–
200
ns
CL = 50 pF 1)
P_11.3.19
Output data valid time with
capacitive load
tSO(v)
–
–
100
ns
CL = 50 pF 1)
P_11.3.20
Diagnosis Clear-to-Read Idle Time
tDidle
16
–
–
µs
1)
P_11.3.21
Diagnosis Overcurrent-to-Clear Idle
Time
tOCidle
12
–
–
µs
1)
P_11.3.22
1) Not subject to production test, specified by design.
Table 13
Electrical Characteristics: 16 bit SPI Interface (cont’d)
3.0V < VCC < 5.5V; 4.5V < VDD < 5.5V, Tj = -40°C to +150°C, all voltages with respect to ground, positive current
flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com