Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 71 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 71 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 66Page - Infineon Technologies AG TLE8110ED Datasheet HTML 67Page - Infineon Technologies AG TLE8110ED Datasheet HTML 68Page - Infineon Technologies AG TLE8110ED Datasheet HTML 69Page - Infineon Technologies AG TLE8110ED Datasheet HTML 70Page - Infineon Technologies AG TLE8110ED Datasheet HTML 71Page - Infineon Technologies AG TLE8110ED Datasheet HTML 72Page - Infineon Technologies AG TLE8110ED Datasheet HTML 73Page - Infineon Technologies AG TLE8110ED Datasheet HTML 74Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 71 / 74 page
background image
Data Sheet
71
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Control of the device
12.3.6
DEVS - Device Settings
The Register allows additional Device settings. For details refer also to the Chapter “Electrical Characteristics”.
The Diagnosis Current Control register allow to select between different Diagnosis Modes. The Diagnosis
Currents can be switched off to avoid glowing of any connected LEDs.
DEVS Command
Device Settings
Reset Value: 0000 0000 0111B = 007H
11
10
98
76543210
RCP
DBT2
DBT1
000000
DCC10
DCC9
DCC18
Field
Bits
Type
Description
RCP
11
R/W
RCP - Reverse Current Protection
0disabled,
1
reverse current comp is enabled (valid for all Channels).
Default RPC = 0.
DBT[2:1]
[10:9]
R/W
DBT2,1 - Diagnosis Blind Time Channel 7 to 10
0,0 standard Filter Time of typ. 150μs,
1,0 standard Filter Time of typ. 150μs,
0,1 OFF-state diagnosis Blind Time of typ. 2.5ms,
1,1 OFF-state diagnosis Blind Time of typ. 5ms.
DEVS[7:5]
[7:5]
R/W
not used. Set to 0.
DEVS[4:3]
[4:3]
R/W
0
DCCx
[2:0]
R/W
DCCx - Diagnosis Current Control
DCC18 switching ON/OFF diagnosis current of CH1-8,
DCC9 switching ON/OFF diagnosis current of CH9,
DCC10 switching ON/OFF diagnosis current of CH10.
0
OFF-State Diagnosis (Detection of open load and short to
GND) of CHx is switched OFF. ON state diagnosis (over current
and over temperature detection) is still active. Diagnosis
Current is switched OFF.
1
OFF-State (Detection of open load and short to GND) and
ONState (over current and over temperature detection)
Diagnosis of CHx switched ON, Diagnosis Current is switched
ON.
Default DCC = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com