Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 15Page - Infineon Technologies AG TLE8110ED Datasheet HTML 16Page - Infineon Technologies AG TLE8110ED Datasheet HTML 17Page - Infineon Technologies AG TLE8110ED Datasheet HTML 18Page - Infineon Technologies AG TLE8110ED Datasheet HTML 19Page - Infineon Technologies AG TLE8110ED Datasheet HTML 20Page - Infineon Technologies AG TLE8110ED Datasheet HTML 21Page - Infineon Technologies AG TLE8110ED Datasheet HTML 22Page - Infineon Technologies AG TLE8110ED Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 74 page
background image
Data Sheet
19
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Power Outputs
7.2
Description of the Clamping Structure
When switching off inductive loads, the potential at pin OUT rises to VDS(CL) potential, because the inductance
intends to continue driving the current. The clamping voltage is necessary to prevent destruction of the
device, see Figure 8 for the clamping circuit principle. Nevertheless, the maximum allowed load inductance is
limited.
Figure 8
Internal Clamping Principle
Clamping Energy
During demagnetization of inductive loads, energy has to be dissipated in the device. This energy can be
calculated with following equation:
(7.1)
The maximum energy, which is converted into heat, is limited by the thermal design of the component.
Attention: It is strongly recommended to measure the load Energy and Current under operating
conditions, example of measurement setup is shown in Figure 9. Load small-signal parameters
might not reflect the real load behavior under operating conditions, see Figure 10. For more
details please refer to the Application Note “Switching Inductive Loads”.
Vbat
ID
V
DScl
OUT
V
DS
GND
L,
RL
OutputClamp.vsd
EVDS CL
()
LL
RL
------
IL
VDS CL
()
VBAT
–
RL
----------------------------------------
1
RL I
⋅
L
VDS CL
()
VBAT
–
----------------------------------------
+
⎝⎠
⎛⎞
ln
⋅
–
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com