Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 63 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 63 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 59Page - Infineon Technologies AG TLE8110ED Datasheet HTML 60Page - Infineon Technologies AG TLE8110ED Datasheet HTML 61Page - Infineon Technologies AG TLE8110ED Datasheet HTML 62Page - Infineon Technologies AG TLE8110ED Datasheet HTML 63Page - Infineon Technologies AG TLE8110ED Datasheet HTML 64Page - Infineon Technologies AG TLE8110ED Datasheet HTML 65Page - Infineon Technologies AG TLE8110ED Datasheet HTML 66Page - Infineon Technologies AG TLE8110ED Datasheet HTML 67Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 74 page
background image
Data Sheet
63
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Control of the device
12.3.2.1 DRx - Diagnosis Registers Contents
DCC_DMSx/
OPSx
[7:0]
W
DMSx/OPS1 - Diagnosis Mode Set x/ Output Pins Set Command
1
On sending this command, the diagnosis register is selected
according DMSx. The Output Pins of Channel 7-10 are set according
the following definitions. The OPSx are commands, no register. The
commands are controlling the contents of ISA, ISB and OUTx.
OPS[7:0] - Output Pin Set:
0000 0001: CH7 input select, 1: parallel* / 0: Serial
0000 0010: CH8 input select, 1: parallel* / 0: Serial
0000 0100: CH9 input select, 1: parallel* / 0: Serial
0000 1000: CH10 input select, 1: parallel* / 0: Serial
0001 0000: CH7 output set, 1: ON / 0: OFF
0010 0000: CH8 output set, 1: ON / 0: OFF
0100 0000: CH9 output set, 1: ON / 0: OFF
1000 0000: CH10 output set, 1: ON / 0: OFF
(*parallel controlled by INx)
Sending OR operated combinations of above listed options (only
OPSx) are possible in order to control more then one channel at the
same time.
If parallel mode Mode is selected (in “input select”), the serial
settings (in “output select”) are ignored. In parallel Mode, the
selected Channels are controlled via INx Pins. The default setting of
ISB corresponds the command OPS[7:0] = xxxx 1111b. (parallel
mode, status of the Outputs according signal on INx).
Returns the contents the selected DRx register on SO in the 2nd
byte of the actual communication frame and the Output Pin
Feedback [OPF] in the 1st Byte of the next frame (see
Chapter 12.3.2.3).
DRA[1:0]x / DRB[1:0]x
Diagnosis Register CHx Bank A and Bank B
Reset value 0000 0000 0000B = 000H
11
10
987
654
321
0
DRA[1]6 DRA[0]6 DRA[1]5 DRA[0]5 DRA[1]4 DRA[0]4 DRA[1]3 DRA[0]3 DRA[1]2 DRA[0]2 DRA[1]1 DRA[0]1
11
10
987
654
321
0
0
0
0
0
DRB[1]10 DRB[0]10 DRB[1]9 DRB[0]9 DRB[1]8 DRB[0]8 DRB[1]7 DRB[0]7
Command description
Field
Bits
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com