Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110ED Datasheet(PDF) 65 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 65 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 61Page - Infineon Technologies AG TLE8110ED Datasheet HTML 62Page - Infineon Technologies AG TLE8110ED Datasheet HTML 63Page - Infineon Technologies AG TLE8110ED Datasheet HTML 64Page - Infineon Technologies AG TLE8110ED Datasheet HTML 65Page - Infineon Technologies AG TLE8110ED Datasheet HTML 66Page - Infineon Technologies AG TLE8110ED Datasheet HTML 67Page - Infineon Technologies AG TLE8110ED Datasheet HTML 68Page - Infineon Technologies AG TLE8110ED Datasheet HTML 69Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 74 page
background image
Data Sheet
65
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Control of the device
12.3.2.3 DMSx/OPSx - Diagnosis Mode Set / Output Pin Set Commands
Protocol
Each Cycle where a serial data or command frame is sent to the Serial Input [SI] of the SPI interface, a data
frame is returned immediately by the Serial Output [SO]. The content of the SO frame is dependent of the
previous command which has been sent to SI and the content of the actual content of SI: The first Byte send
by S_SI controls the content of the second byte actual returned by S_SO. The second Byte send by S_SI
controls the first byte in S_SO of the next frame (see Figure 41).
Figure 41
Data Transfer in diagnosis and Compact Control
DMSx/OPSx
Diagnosis Mode Set/ Output Pin Set Commands
S_SI Serial Input
15
14
13
12
11
10
987
6543
210
Diagnosis Mode Set DMS [4:0]
Output Pin Set OPS[7:0]
-
Serial mode selected
Parallel or Serial mode
0
0
0
1
----
CH10:
1:ON
0:OFF
CH9:
1:ON
0:OFF
CH8:
1:ON
0:OFF
CH7:
1:ON
0:OFF
CH10:
0 =
serial
1 =
par.
CH9:
0 =
serial
1 =
par.
CH8:
0 =
serial
1 =
par.
CH7:
0 =
serial
1 =
par.
DMSx
S_CS
S_SI
S_SO
SPI_Protocol_Short_Mode.vsd
OPSx
Upper
Byte
DO
Upper
Byte
Lower
Byte
OPF
Lower
Byte
Upper
Byte
Lower
Byte
Upper
Byte
Lower
Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com