Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 19Page - Infineon Technologies AG TLE9461ES Datasheet HTML 20Page - Infineon Technologies AG TLE9461ES Datasheet HTML 21Page - Infineon Technologies AG TLE9461ES Datasheet HTML 22Page - Infineon Technologies AG TLE9461ES Datasheet HTML 23Page - Infineon Technologies AG TLE9461ES Datasheet HTML 24Page - Infineon Technologies AG TLE9461ES Datasheet HTML 25Page - Infineon Technologies AG TLE9461ES Datasheet HTML 26Page - Infineon Technologies AG TLE9461ES Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
System Features
Datasheet
23
Rev.1.1
2019-09-27
5.1.1.2
SBC Init Mode
In SBC Init Mode, the device waits for the microcontroller to finish its startup and initialization sequence.
The SBC starts with a long open watchdog window (see also Chapter 12.2).
All diagnosis functions which are enabled by default at device power-up are active.
While in SBC Init Mode any valid SPI command (from the SPI protocol, i.e. 16-bit word) sets the device to SBC
Normal Mode, i.e. any register can be written, cleared and read. During the long open window the watchdog
has to be triggered (i.e. thereby the watchdog is automatically configured).
A missing watchdog trigger during the long open window will cause a watchdog failure and the device will
enter SBC Restart Mode.
Wake-up events are ignored during SBC Init Mode.
A SBC Soft Reset command (MODE = ‘11’) sets the SBC back into SBC Init Mode and the SPI registers are
changed to their respective Soft Reset values. In case one or both lock bits are set (CFG_LOCK_0 or
CFG_LOCK_1) the locked bits keep their previous values and stay unchanged.
Note:
Any SPI command sets the SBC to SBC Normal Mode even if it is an illegal SPI command (see
Chapter 13.2).
Note:
For a safe start-up, it is recommended to use the first SPI command to trigger and to configure the
watchdog (see Chapter 12.2).
Note:
At power up, the SPI bit VCC1_UV is not set nor is the FO triggered as long as VCC1 is below the VRT,x
threshold and VS is below the VS,UV threshold. The RSTN pin is kept Low as long as VCC1 is below the
selected VRT,x threshold and the reset delay time is not expired. After the first threshold crossing
(VCC1 > Vrt1,r) and the RSTN transition from Low to High, all subsequent undervoltage events lead
to SBC Restart Mode.
Note:
The bit VS_UV is updated only in SBC INIT Mode once RSTN resumes a high level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com