Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 70 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 70 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 66Page - Infineon Technologies AG TLE9461ES Datasheet HTML 67Page - Infineon Technologies AG TLE9461ES Datasheet HTML 68Page - Infineon Technologies AG TLE9461ES Datasheet HTML 69Page - Infineon Technologies AG TLE9461ES Datasheet HTML 70Page - Infineon Technologies AG TLE9461ES Datasheet HTML 71Page - Infineon Technologies AG TLE9461ES Datasheet HTML 72Page - Infineon Technologies AG TLE9461ES Datasheet HTML 73Page - Infineon Technologies AG TLE9461ES Datasheet HTML 74Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
High-Voltage Wake and Voltage Monitoring Input
Datasheet
70
Rev.1.1
2019-09-27
9.3
Electrical Characteristics
Table 20
Electrical Characteristics
VS = 5.5 V to 28 V; Tj = -40°C to +150°C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
WK Input Pin Characteristics
Wake-up/monitoring
threshold voltage
VWKth
2
3
4
V
without external
serial resistor RS
(with RS:
DeltaV = IPD/PU × RS);
hysteresis included
P_10.3.1
Threshold hysteresis
VWKNth,hys 0.1
-
0.7
V
without external
serial resistor RS (with
RS: DeltaV = IPD/PU × RS)
P_10.3.2
WK pin Pull-up Current IPU_WK
-20
-10
-3
µA
VWK_IN = 4V
P_10.3.3
WK pin Pull-down
Current
IPD_WK
310
20
µA
VWK_IN = 2V
P_10.3.4
Input leakage current ILK,l
-2
2
µA
0 V < VWK_IN < 40V
P_10.3.5
Timing
Wake-up filter time 1
tFWK1
13
16
20
µs
1)
1) Not subject to production test, tolerance defined by internal oscillator tolerance
P_10.3.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com