Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 45Page - Infineon Technologies AG TLE9461ES Datasheet HTML 46Page - Infineon Technologies AG TLE9461ES Datasheet HTML 47Page - Infineon Technologies AG TLE9461ES Datasheet HTML 48Page - Infineon Technologies AG TLE9461ES Datasheet HTML 49Page - Infineon Technologies AG TLE9461ES Datasheet HTML 50Page - Infineon Technologies AG TLE9461ES Datasheet HTML 51Page - Infineon Technologies AG TLE9461ES Datasheet HTML 52Page - Infineon Technologies AG TLE9461ES Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Voltage Regulator 2
Datasheet
49
Rev.1.1
2019-09-27
7.2
Functional Description
In SBC Normal Mode VCC2 can be switched On or Off via SPI.
For SBC Stop- or Sleep Mode, the VCC2 has to be switched On or Off in SBC Normal Mode before entering the
respective SBC mode. The regulator is automatically switched Off in SBC Restart Mode
The regulator can provide an output current up to IVCC2,lim.
For low-quiescent current reasons, the output voltage accuracy is decreased in SBC Stop and Sleep Mode (if
enabled) because a low-power mode regulator with a lower accuracy (VCC2,out4) is active for small loads. If the
load current on VCC2 exceeds IVCC2 > IVCC2,Ipeak,r then the high-power mode regulator will also be enabled to
support an optimum dynamic load behavior. The current consumption increases by typ. 2.9mA. The SBC Mode
stays unchanged.
If the load current on VCC2 falls below the threshold (IVCC2 < IVCC2,Ipeak,f), then the low-quiescent current mode
is resumed by disabling the high-power mode regulator.
Both regulators are active in SBC Normal Mode.
Note:
If the VCC2 output voltage is supplying external off-board loads, the application must consider the
series resonance circuit built by cable inductance and decoupling capacitor at the load. Sufficient
damping must be provided.
Note:
To avoid excessive repetitive short-circuit conditions, It is recommended to detect the shutdown
reason for VCC2 and keep the regulator Off after multiple over-temperature shutdowns.
7.2.1
Short to Battery Protection
The output stage is protected for short to VBAT. No inverse current flows if the voltage on VCC2 is higher than
the nominal output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com