Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 37 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 37 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 33Page - Infineon Technologies AG TLE9461ES Datasheet HTML 34Page - Infineon Technologies AG TLE9461ES Datasheet HTML 35Page - Infineon Technologies AG TLE9461ES Datasheet HTML 36Page - Infineon Technologies AG TLE9461ES Datasheet HTML 37Page - Infineon Technologies AG TLE9461ES Datasheet HTML 38Page - Infineon Technologies AG TLE9461ES Datasheet HTML 39Page - Infineon Technologies AG TLE9461ES Datasheet HTML 40Page - Infineon Technologies AG TLE9461ES Datasheet HTML 41Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
System Features
Datasheet
37
Rev.1.1
2019-09-27
Figure 11 Cyclic Wake: Configuration and Sequence
As in Cyclic Sense, the Cyclic Wake function starts as soon as the On-time is configured. An interrupt is
generated for every start of the On-time except for the very first time when the timer is started.
5.2.3
Internal Timer
The integrated timer can be used to control the below features:
• Cyclic Wake, i.e. to wake-up the microcontroller periodically in SBC Normal, Stop and Sleep Mode
• Cyclic Sense, i.e. to perform cyclic sensing using the wake input WK/VSENSE and the GPIO configured as
HS by mapping the timer accordingly via the GPIO_CTRL register.
Following periods and On-times can be selected via the register TIMER_CTRL respectively:
• Period: 10ms, 20ms, 50ms, 100ms, 200ms, 500ms, 1s, 2s, 5s, 10s, 20s, 50s, 100s, 200s, 500s, 1000s
• On-time: 0.1ms / 0.3ms / 1.0ms / 10ms / 20ms / Off at High or Low
Note:
It is also possible to activate Cyclic Sense and Cyclic Wake at the same time with the same timer
setting
Cyclic Wake Configuration
Cyclic Wake starts / ends by
setting / clearing On-time
INTN is pulled low at every rising edge
of On-time except first one
Periods : 10ms, 20ms, 50ms, 100 ms, 200ms 500ms,
1s, 2s, 5s, 10s, 20s, 50ms, 100s, 200 s, 500s, 1000 s
On-times: any except ‘000 ' or ‘110 ' ‘111'
A new timer configuration will become active
immediately , i.e. as soon as CSN goes high
Select the Timer as a wake source in
TIMER_WK_EN, WK_CTRL_0
Select Timer Period and any
On-Time in TIMER_CTRL
No interrupt will be generated ,
if the timer is not enabled as a wake source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com