Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 3Page - Infineon Technologies AG TLE9461ES Datasheet HTML 4Page - Infineon Technologies AG TLE9461ES Datasheet HTML 5Page - Infineon Technologies AG TLE9461ES Datasheet HTML 6Page - Infineon Technologies AG TLE9461ES Datasheet HTML 7Page - Infineon Technologies AG TLE9461ES Datasheet HTML 8Page - Infineon Technologies AG TLE9461ES Datasheet HTML 9Page - Infineon Technologies AG TLE9461ES Datasheet HTML 10Page - Infineon Technologies AG TLE9461ES Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 140 page
background image
Datasheet
7
Rev.1.1
2019-09-27
TLE9461ES
Lite CAN SBC Family
Pin Configuration
3
Pin Configuration
3.1
Pin Assignment
Figure 2
Pin Configuration
3.2
Pin Definitions and Functions
Pin
Symbol
Function
1VCAN
HS-CAN Supply Input; Supply needed for CAN Normal and Receive Only Mode
2TXDCAN
Transmit CAN
3RXDCAN
Receive CAN
4CLK
SPI Clock Input
5SDI
SPI Data Input; input for SBC (=MOSI)
6SDO
SPI Data Output; output from SBC (=MISO)
7CSN
SPI Chip Select Input; active low
8INTN
Interrupt Output; used as wake-up flag for microcontroller in SBC Stop or
Normal Mode and for indicating failures. Active low.
During start-up used to set the SBC configuration in case of watchdog trigger
failure. External pull-up (typ. 47 kΩ) sets config 1/3, otherwise config 2/4 is
selected.
CANL
CANH
GND
GND
VCC2
FO/GPIO
WK/VSENSE
CSN
INTN
RSTN
TEST
GND
VIO
VCAN
TXDCAN
RXDCAN
CLK
SDI
SDO
VCP
VS
VS
n.c.
VCC1
18
17
16
15
14
13
24
23
22
21
20
19
1
2
3
4
5
6
7
8
9
10
11
12
TLE9461
Exposed
Die
Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com