Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 35Page - Infineon Technologies AG TLE9461ES Datasheet HTML 36Page - Infineon Technologies AG TLE9461ES Datasheet HTML 37Page - Infineon Technologies AG TLE9461ES Datasheet HTML 38Page - Infineon Technologies AG TLE9461ES Datasheet HTML 39Page - Infineon Technologies AG TLE9461ES Datasheet HTML 40Page - Infineon Technologies AG TLE9461ES Datasheet HTML 41Page - Infineon Technologies AG TLE9461ES Datasheet HTML 42Page - Infineon Technologies AG TLE9461ES Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
System Features
Datasheet
39
Rev.1.1
2019-09-27
5.3.1
Electrical Characteristics for Charge Pump
Table 10
Electrical Characteristics
VS = 5.5 V to 28 V; Tj = -40°C to +150°C; SBC Normal Mode; all voltages with respect to ground; positive current
defined flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ.
Max.
Charge Pump Output
Voltage
VCP_1
VS+ 4.5 –
VS+ 6.5 V
1)VS = 5.5V;
ICP = -40uA;
CL = 3.3nF
1) Applies for the default frequency setting. See also SPI bits 2MHZ_FREQ
P_5.3.1
Charge Pump Output
Voltage
VCP_2
VS+ 9.5 –
VS+ 14 V
1)2)VS = 10V;
ICP = -100uA;
CL = 3.3nF
P_5.3.2
Charge Pump Output
Voltage
VCP_3
VS+ 10 –
VS+ 16 V
1)VS ≥ 13.5V;
ICP = -200uA;
CL = 3.3nF
P_5.3.3
Maximum Charge Pump
Output Current
ICP
200
–
1200
µA
1)2)VCP = VS + 10V;
VS ≥ 13.5V;
CL = 3.3nF
P_5.3.4
Charge Pump Leakage
Current
ICP,LK
–0.5
2
µA
2)VCP = 0V = Off;
VS = 13.5V
2) Not subject to production test, specified by design.
P_5.3.5
Charge Pump Enabling
Time
tCP_ON
–
95
200
µs
1)2)CSN = High to
VCP > VS + 10V;
VS = 13.5V,
CL = 3.3nF
P_5.3.6
Charge Pump Disabling
Time
tCP_OFF
–45
65
µs
1)2)CSN = High to
VCP < VS + 2V;
VS = 13.5V,
CL = 3.3nF
P_5.3.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com