Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 16Page - Infineon Technologies AG TLE9461ES Datasheet HTML 17Page - Infineon Technologies AG TLE9461ES Datasheet HTML 18Page - Infineon Technologies AG TLE9461ES Datasheet HTML 19Page - Infineon Technologies AG TLE9461ES Datasheet HTML 20Page - Infineon Technologies AG TLE9461ES Datasheet HTML 21Page - Infineon Technologies AG TLE9461ES Datasheet HTML 22Page - Infineon Technologies AG TLE9461ES Datasheet HTML 23Page - Infineon Technologies AG TLE9461ES Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
System Features
Datasheet
20
Rev.1.1
2019-09-27
5.1.1
Device Configuration and SBC Init Mode
The device starts up in SBC Init Mode after crossing the power-on reset threshold VPOR,r (see also
Chapter 12.3) and the watchdog starts with a long open window (tLW) after RSTN is released (High level).
During this power-on phase the following configurations are stored in the device:
• The device behavior regarding a watchdog trigger failure and a VCC1 over voltage condition is determined
by the external circuit on the INTN pin (typ. 47 kΩ pull-up resistor to VCC1, see also below)
• The selection of the normal user mode operation or the SBC Development Mode (watchdog = Off, CAN =
On, VCC2 = On for debugging purposes) is set depending on the voltage level of the TEST pin (see also
Chapter 5.1.7).
5.1.1.1
Device Configuration
The configuration selection selects the SBC behavior due to a watchdog trigger failure and VCC1 overvoltage
detection. Depending on the requirements of the application, two different configurations can be chosen:
- If the VCC1 output shall be switched Off and the device shall go to SBC Fail-Safe Mode in case of a watchdog
failure (1 or 2 fails). To set this configuration (Config 2/4), the INTN pin does not need an external pull-up
resistor.
- If VCC1 should not be switched Off (Config 1/3), the INTN pin needs to have an external pull-up resistor
connected to VCC1 (see application diagram in Chapter 14).
Figure 4 shows the timing diagram of the hardware configuration selection. The hardware configuration is
defined during SBC Init Mode. The INTN pin is internally pulled Low with a weak pull-down resistor during the
reset delay time tRD1, i.e. after VCC1 crosses the reset threshold VRT1 and before the RSTN pin goes High. The
INTN pin is monitored during this time (with a continuous filter time of tCFG_F) and the configuration
(depending on the voltage level at INTN) is stored at the rising edge of RSTN.
Note:
If the POR bit is not cleared, then the internal pull-down resistor at INTN is reactivated every time
RSTN is pulled Low the configuration is updated at the rising edge of RSTN. Therefore it is
recommended to clear the POR bit right after initialization. In case there is no stable signal at INTN,
then the last filtered value is taken. If no filtered value is taken then the default value ‘0’ is taken as
the config select value (= SBC Fail-Safe Mode).
Note:
During device power up, the SPI status bits VCC1_ WARN, VCC1_UV and VS_UV are updated only if
RSTN is released after the reset delay time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com