Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 26Page - Infineon Technologies AG TLE9461ES Datasheet HTML 27Page - Infineon Technologies AG TLE9461ES Datasheet HTML 28Page - Infineon Technologies AG TLE9461ES Datasheet HTML 29Page - Infineon Technologies AG TLE9461ES Datasheet HTML 30Page - Infineon Technologies AG TLE9461ES Datasheet HTML 31Page - Infineon Technologies AG TLE9461ES Datasheet HTML 32Page - Infineon Technologies AG TLE9461ES Datasheet HTML 33Page - Infineon Technologies AG TLE9461ES Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
System Features
Datasheet
30
Rev.1.1
2019-09-27
Note:
In case a VCC2 overtemperature event occurs in SBC Init Mode., after SBC Development Mode is
entered, VCC2 is shut down.
Figure 5
Block Diagram of Pin TEST for SBC Development Mode Detection
In case the pin level toggles with a period faster than tTEST during the monitoring period the SBC Development
Mode is not reached .
The SBC remains in this mode for all operating conditions and can only be left by powering down the device
(VS < VPOR,f).
Note:
If the SBC enters SBC Fail-Safe Mode due to VCC1 shorted to GND during the SBC Init Mode, the SBC
Development is not entered and can only be activated at the next power-up of the SBC (after the
VCC1 short circuit is removed).
Note:
The absolute maximum ratings of the pin TEST must be observed. To increase the robustness of this
pin during debugging or programming a series resistor between TEST and the connector can be
added (see Figure 47).
SBC
Development
Mode
detection logic
TEST
T test
RTEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com