Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 82 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 82 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 78Page - Infineon Technologies AG TLE9461ES Datasheet HTML 79Page - Infineon Technologies AG TLE9461ES Datasheet HTML 80Page - Infineon Technologies AG TLE9461ES Datasheet HTML 81Page - Infineon Technologies AG TLE9461ES Datasheet HTML 82Page - Infineon Technologies AG TLE9461ES Datasheet HTML 83Page - Infineon Technologies AG TLE9461ES Datasheet HTML 84Page - Infineon Technologies AG TLE9461ES Datasheet HTML 85Page - Infineon Technologies AG TLE9461ES Datasheet HTML 86Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Supervision Functions
Datasheet
82
Rev.1.1
2019-09-27
12
Supervision Functions
12.1
Reset Function
Figure 31 Reset Block Diagram
12.1.1
Reset Output Description
The reset output pin RSTN provides a reset information to the microcontroller, e.g. in the event that the output
voltage has fallen below the undervoltage threshold VRT1/2/3/4. In case of a reset event, the reset output RSTN
is pulled to Low after the filter time tRF and stays Low as long as the reset event is present and the configurable
reset delay time has not expired. The reset delay time can be configured. The default value is the extended
reset delay time tRD1 and the reduced reset delay time tRD2 can be selected by setting RSTN_DEL. When
connecting the SBC to battery voltage, the reset signal remains Low initially. When the output voltage Vcc1 has
reached the reset default threshold VRT1,r, the reset output RSTN is released to High after the reset delay time
tRD1. A reset can also occur due to a watchdog trigger failure. The reset threshold can be adjusted via SPI, the
default reset threshold is VRT1,f. The RSTN pin has an integrated pull-up resistor. In case reset is triggered, it is
pulled Low for Vcc1 ≥ 1V and for VS ≥ VPOR,f (see also Chapter 12.3).
The timings for the RSTN triggering regarding VCC1 undervoltage and watchdog trigger is shown in Figure 32.
Reset logic
Incl. filter & delay
RSTN
VCC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com