Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 88 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 88 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 84Page - Infineon Technologies AG TLE9461ES Datasheet HTML 85Page - Infineon Technologies AG TLE9461ES Datasheet HTML 86Page - Infineon Technologies AG TLE9461ES Datasheet HTML 87Page - Infineon Technologies AG TLE9461ES Datasheet HTML 88Page - Infineon Technologies AG TLE9461ES Datasheet HTML 89Page - Infineon Technologies AG TLE9461ES Datasheet HTML 90Page - Infineon Technologies AG TLE9461ES Datasheet HTML 91Page - Infineon Technologies AG TLE9461ES Datasheet HTML 92Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Supervision Functions
Datasheet
88
Rev.1.1
2019-09-27
12.3
VS Power-On Reset
At power up of the device, the VS Power-on Reset is detected when VS > VPOR,r and the SPI bit POR is set to
indicate that all SPI registers are set to POR default settings. VCC1 is starting up and the reset output RSTN is
kept Low. It will only be released once VCC1 has crossed VRT1,r and tRD1 has elapsed.
In case VS < VPOR,f, a device internal reset is generated and the SBC is switched Off and restarts in INIT mode
with the next VS rising. This is shown in Figure 36.
Figure 36 Ramp up / down example of Supply Voltage
t
VCC1
t
VPOR,f
RSTN
t
VS
VPOR,r
tRD1
VRT1,r
VRTx,f
t
SBC Mode
SBC OFF
SBC OFF
SBC INIT MODE
Any SBC MODE
SPI
Command
The reset threshold can be
configured via SPI in SBC
Normal Mode , default is VRT1
Re-
start
SBC Restart Mode is
entered whenever the
Reset is triggered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com