Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 6Page - Infineon Technologies AG TLE9461ES Datasheet HTML 7Page - Infineon Technologies AG TLE9461ES Datasheet HTML 8Page - Infineon Technologies AG TLE9461ES Datasheet HTML 9Page - Infineon Technologies AG TLE9461ES Datasheet HTML 10Page - Infineon Technologies AG TLE9461ES Datasheet HTML 11Page - Infineon Technologies AG TLE9461ES Datasheet HTML 12Page - Infineon Technologies AG TLE9461ES Datasheet HTML 13Page - Infineon Technologies AG TLE9461ES Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 140 page
background image
Datasheet
10
Rev.1.1
2019-09-27
TLE9461ES
Lite CAN SBC Family
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Table 1
Absolute Maximum Ratings1)
Tj = -40°C to +150°C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ. Max.
Voltages
Supply Voltage VS
VS,max
-0.3
–
28
V
–
P_4.1.1
Supply Voltage VS
VS,max
-0.3
–
40
V
Load Dump,
max. 400 ms
P_4.1.2
Voltage Regulator 1 Output VCC1,max
-0.3
–
5.5
V
2)
P_4.1.3
Voltage Regulator 2 Output VCC2,max
-0.3
–
28
V
VCC2 = 40 V for
Load Dump,
max. 400 ms;
P_4.1.5
Charge Pump Output
VCP,max
-0.3
–
VS
+ 16
VP_4.1.6
Wake Input WK/VSENSE
VWK,max
-0.3
–
40
V
–
P_4.1.7
Fail Output FO/GPIO
VFO_TEST,max -0.3
–
VS
+ 0.3
V
–
P_4.1.8
CANH, CANL
VBUS,max
-27
–
40
V
–
P_4.1.9
Logic Input Pins (CSN, CLK,
SDI, TXDCAN, TEST)
VI,max
-0.3
–
VCC1
+ 0.3
V
–
P_4.1.10
Logic Output Pins (SDO,
RSTN, INTN, RXDCAN)
VO,max
-0.3
–
VCC1
+ 0.3
V
–
P_4.1.11
VCAN Input Voltage
VVCAN,max
-0.3
–
5.5
V
–
P_4.1.12
I/O Supply Voltage
VVIO,max
-0.3
–
5.5
V
Must be
connected to
VCC1
P_4.1.19
Maximum Differential CAN
Bus Voltage
VCAN_Diff,max -5
–
10
V
–
P_4.1.20
Temperatures
Junction Temperature
Tj
-40
–
150
°C
–
P_4.1.13
Storage Temperature
Tstg
-55
–
150
°C
–
P_4.1.14
ESD Susceptibility
ESD Resistivity
VESD,11
-2
–
2
kV
HBM3)
P_4.1.15
ESD Resistivity to GND,
CANH, CANL
VESD,12
-8
–
8
kV
HBM4)3)
P_4.1.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com