Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 71 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 71 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 67Page - Infineon Technologies AG TLE9461ES Datasheet HTML 68Page - Infineon Technologies AG TLE9461ES Datasheet HTML 69Page - Infineon Technologies AG TLE9461ES Datasheet HTML 70Page - Infineon Technologies AG TLE9461ES Datasheet HTML 71Page - Infineon Technologies AG TLE9461ES Datasheet HTML 72Page - Infineon Technologies AG TLE9461ES Datasheet HTML 73Page - Infineon Technologies AG TLE9461ES Datasheet HTML 74Page - Infineon Technologies AG TLE9461ES Datasheet HTML 75Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Interrupt Function
Datasheet
71
Rev.1.1
2019-09-27
10
Interrupt Function
10.1
Block and Functional Description
Figure 28 Interrupt Block Diagram
The interrupt is used to signalize special events in real time to the microcontroller. The interrupt block is
designed as a push/pull output stage as shown in Figure 28. An interrupt is triggered and the INTN pin is pulled
Low (active Low) for tINTN in SBC Normal and Stop Mode and it is released once tINTN is expired. The minimum
High-time of INTN between two consecutive interrupts is tINTND. An interrupt does not cause a SBC mode
change.
Two different interrupt classes could be selected via the SPI bit INT_ GLOBAL:
• Class 1 (wake interrupt - INT_ GLOBAL=0): all wake-up events stored in the wake status SPI registers
(WK_STAT_0 and WK_STAT_1 if GPIO is configured as WK) cause an interrupt. The wake sources are listed
below.
An interrupt is only triggered if the respective function is also enabled as a wake source (including GPIOx if
configured as a wake input).
– via CAN (wake-up)
–via the WK pin
–via TIMER
– via GPIO (if configured as WK input)
• Class 2 (global interrupt - INT_ GLOBAL=1): in addition to the wake-up events, all signalled failures stored
in the other status registers trigger an interrupt (the registers WK_LVL_STAT and FAM_PROD_STAT are
not generating interrupts
Note:
The errors that cause SBC Restart or SBC Fail-Safe Mode (VCC1_UV, WD_FAIL, VCC1_SC, TSD2_SAFE,
TSD2, FAILURE) are the exceptions of an INTN generation on status bits. Also the bits POR and
DEV_STAT_[1:0] will not generate interrupts.
Note:
During SBC Restart Mode the SPI is blocked and the microcontroller is in reset. Therefore the INTN is
not activated in SBC Restart Mode, which is the same behavior in SBC-Fail-Safe or Sleep Mode.
Interrupt logic
INT
Time
out
V
cc1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com