Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 15Page - Infineon Technologies AG TLE9461ES Datasheet HTML 16Page - Infineon Technologies AG TLE9461ES Datasheet HTML 17Page - Infineon Technologies AG TLE9461ES Datasheet HTML 18Page - Infineon Technologies AG TLE9461ES Datasheet HTML 19Page - Infineon Technologies AG TLE9461ES Datasheet HTML 20Page - Infineon Technologies AG TLE9461ES Datasheet HTML 21Page - Infineon Technologies AG TLE9461ES Datasheet HTML 22Page - Infineon Technologies AG TLE9461ES Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
System Features
Datasheet
19
Rev.1.1
2019-09-27
5.1
Block Description of State Machine
The different SBC operating modes are selected via SPI by setting the respective SBC MODE bits in the register
M_S_CTRL. The SBC MODE bits are cleared when going through SBC Restart Mode and thus always show the
current SBC mode.
Figure 3
State Diagram showing the SBC Operating Modes
SBC Init Mode
*
(Long open window)
VCC1
ON
VCC2
OFF
FOx
inact.
CAN
(3)
OFF
Wake up event
SPI cmd
SPI cmd
SPI cmd
Any SPI
command
WD trigger
First battery connection
VCC1
Undervoltage
Automatic
1st Watchdog Failure Config 2,
2nd Watchdog Failure, Config 4
VCC1 Short to GND
SBC Soft Reset
§
Reset is released
§
WD starts with long open window
(1) After Fail-Safe Mode entry, the device will stay for at least typ . 1s
in this mode (with RO low) after a TSD2 event and min. typ. 100ms
after other Fail-Safe Events. Only then the device can leave the
mode via a wake-up event. Wake events are stored during this time.
(3) For SBC Development Mode CAN/VCC2 are ON in SBC Init Mode
and stay ON when going from there to SBC Normal Mode
(4) See chapter CAN for detailed behavior in SBC Restart Mode
(5) See Chapter5.1.5 and 11.1 for detailed FOx behavior
WD
config.
SBC Normal Mode
VCC1
ON
VCC2
config.
FOx
act/inact
CAN
(3)
config.
WD
config.
CP
config.
SBC Sleep Mode
VCC1
OFF
VCC2
fixed
FOx
fixed
CAN
Wake
capable /off
WD
OFF.
CP
fixed
SBC Stop Mode
VCC1
ON
VCC2
fixed
FOx
fixed
CAN
fixed
WD
fixed
CP
fixed
SBC Restart Mode
(RO pin is asserted)
VCC1
ON/
ramping
VCC2
OFF
FOx(5)
active/
fixed
CAN
(4)
woken /
OFF
WD
OFF
CP
fixed
SBC Fail-Safe Mode (1)
VCC1
OFF
VCC2
OFF
FOx
(5)
active
CAN
Wake
capable
WD
OFF
CP
fixed
Config.: settings can be
changed in this SBC mode ;
Fixed: settings stay as
defined in SBC Normal Mode
TSD2 event,
* The SBC Development
Mode is a super set of state
machine where the WD timer
is stopped , CAN & VCC2
behavior differs in SBC Init
Mode. Otherwise, there are
no differences in behavior .
Cyc. W/S
OFF
SPI
enabled
Cyc. W/S
config.
SPI
config.
Cyc. W/S
fixed
SPI
enabled
SPI
disabled
Cyc. W/S
OFF
SPI
disabled
Cyc. W/S
OFF
SPI
disabled
CAN, WK, GPIO WK wake-up event
OR
Release of over temperature TSD2
after tTSD2
VCC1 over voltage
Config 2/4 (if VCC_OV_RST set)
VCC1 over voltage
Config 1/3 (if VCC_OV_RST set)
Watchdog Failure:
Config 1/3 & 1st WD failure
in Config4
Cyc. W/S
fixed
CP
OFF/fixed
Bit Locking Mechanism:
certain control bits, e.g. the
Charge Pump (CP) can be
locked and will not change
their configuration after a Soft
Reset command (stay fixed)
SBC Sleep Mode entry
without any wake
source enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com