Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 29Page - Infineon Technologies AG TLE9461ES Datasheet HTML 30Page - Infineon Technologies AG TLE9461ES Datasheet HTML 31Page - Infineon Technologies AG TLE9461ES Datasheet HTML 32Page - Infineon Technologies AG TLE9461ES Datasheet HTML 33Page - Infineon Technologies AG TLE9461ES Datasheet HTML 34Page - Infineon Technologies AG TLE9461ES Datasheet HTML 35Page - Infineon Technologies AG TLE9461ES Datasheet HTML 36Page - Infineon Technologies AG TLE9461ES Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
System Features
Datasheet
33
Rev.1.1
2019-09-27
5.2.1.1
Configuration and Operation of Cyclic Sense
The correct sequence to configure the Cyclic Sense is shown in Figure 7. All the configurations have to be
performed before the On-time is set in the TIMER_CTRL registers.
Cyclic Sense (=Timer) starts as soon as the respective On-time has been selected independently from the
assignment of the HS and the filter configuration.
The correct configuration sequence is as follows:
• Configuring GPIO as HS with Cyclic Sense functionality
• Enabling WK/VSENSE as wake source
• Selecting the pull-up/down configuration, all configurations are valid for Cyclic Sense, recommended is
the automatic pull-up / down selection
• Configuring the timer period and On-time
Figure 7
Cyclic Sense: Configuration and Sequence
Note:
If the sequence is not ensured the Cyclic Sense function might not work properly, e.g. an interrupt
could be missed or an unintentional interrupt could be triggered. However, if Cyclic Sense is the only
wake source and configured properly (e.g. Timer not yet set), then SBC Restart Mode is entered
immediately because no valid wake source was set.
Note:
All configurations of period and On-time can be selected. However, recommended On-times for
Cyclic Sense are 0.1ms, 0.3ms and 1ms for quiescent current saving reasons. The SPI_FAIL is set if the
On-time is longer than the period.
Note:
A learning cycle is started every time when the timer is started via the On-time and GPIO is
configured as HS with Cyclic Sense = ‘011 (i.e. the Cyclic Sense function is enabled).
Cyclic Sense Configuration
Configure GPIO as HS with cyclic
sense function by setting
GPIO = ‚011' in GPIO_CTRL
Cyclic Sense starts / ends by
setting / clearing On-time
GPIO_CTRL configure as HS
Select Timer Period and desired
On-Time in TIMER_CTRL
Period : 10, 20, 50, 100, 200 ms, 500ms, 1s, 2s,
5s, 10s, 20s, 50s, 100s, 200s, 500 s, 1000s
On-Time: 0.1, 0.3, 1.0, 10, 20ms
Select WK pull-up / pull-down
configuration in WK_PUPD_CTRL
No pull-up/-down, pull-down or pull -up
selected, automatic switching
A new timer configuration will become active
immediately , i.e. as soon as CSN goes high
Enable WK as a wake source
WK_CTRL_1
WK_EN in WK_CTRL_1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com