Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 57 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 57 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 53Page - Infineon Technologies AG TLE9461ES Datasheet HTML 54Page - Infineon Technologies AG TLE9461ES Datasheet HTML 55Page - Infineon Technologies AG TLE9461ES Datasheet HTML 56Page - Infineon Technologies AG TLE9461ES Datasheet HTML 57Page - Infineon Technologies AG TLE9461ES Datasheet HTML 58Page - Infineon Technologies AG TLE9461ES Datasheet HTML 59Page - Infineon Technologies AG TLE9461ES Datasheet HTML 60Page - Infineon Technologies AG TLE9461ES Datasheet HTML 61Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
High-Speed CAN FD Transceiver
Datasheet
57
Rev.1.1
2019-09-27
• Rearming is done automatically when the SBC is changed to SBC Stop, SBC Sleep, or SBC Fail-Safe Mode
to ensure wake-up capability.
Wake-Up in SBC Stop and Normal Mode:
In SBC Stop Mode, if a wake-up is detected, it is always signaled by the INTN output and in the WK_STAT_0 SPI
register. It is also signaled by RXDCAN pulled to Low. The same applies for the SBC Normal Mode. The
microcontroller needs to set the device from SBC Stop Mode to SBC Normal Mode, there is no automatic
transition to Normal Mode.
For functional safety reasons, the watchdog is automatically enabled in SBC Stop Mode after a Bus wake-up
event in case it was disabled before (if bit WD_EN_ WK_BUS was configured to High before).
Wake-Up in SBC Sleep Mode:
Wake-up is possible via a CAN message. The wake-up automatically transfers the SBC into the SBC Restart
Mode and from there to Normal Mode the corresponding RXDCAN pin is set to Low. The microcontroller is able
to detect the Low signal on RXDCAN and to read the wake source out of the WK_STAT_0 register via SPI. No
interrupt is generated when coming out of Sleep Mode. The microcontroller can now for example switch the
CAN transceiver into CAN Normal Mode via SPI to start communication.
8.2.5
CAN Bus termination
In accordance with the CAN configuration, four types of bus terminations are allowed:
•CAN Normal Mode: VCAN/2 termination;
•CAN Receive Only Mode: VCAN/2 termination in case that VCAN is nominal supply;
when VCAN UV is detected, the termination is 2.5V;
•CAN Wake Capable: GND termination: after wake-up, the termination is 2.5V;
•CAN Off: no termination necessary (bus floating).
When entering CAN Wake Capable mode the termination is only connected to GND only after the t_silence
time has expired.
8.2.6
TXD Time-out Feature
If the TXDCAN signal is dominant for a time t > tTXDCAN_TO, in CAN Normal Mode, the TXDCAN time-out function
deactivates the transmission of the signal at the bus setting the TXDCAN pin to recessive. This is implemented
to prevent the bus from being blocked permanently due to an error. The transmitter is disabled and thus
switched to recessive state. The CAN SPI control bits (CAN on BUS_CTRL_0) remain unchanged and the failure
is stored in the SPI flag CAN_FAIL. The CAN transmitter stage is activated again after the dominant time-out
condition is removed and the transceiver is automatically switched back to CAN Normal Mode.
Table 17
Action due to CAN Bus Wake-Up
SBC Mode
SBC Mode after Wake-up
VCC1
INTN
RXDCAN
Normal Mode
Normal Mode
On
Low
Low
Stop Mode
Stop Mode
On
Low
Low
Sleep Mode
Restart Mode
Ramping Up
High
Low
Restart Mode
Restart Mode
On
High
Low
Fail-Safe Mode
Restart Mode
Ramping Up
High
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com