Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 63 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 63 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 59Page - Infineon Technologies AG TLE9461ES Datasheet HTML 60Page - Infineon Technologies AG TLE9461ES Datasheet HTML 61Page - Infineon Technologies AG TLE9461ES Datasheet HTML 62Page - Infineon Technologies AG TLE9461ES Datasheet HTML 63Page - Infineon Technologies AG TLE9461ES Datasheet HTML 64Page - Infineon Technologies AG TLE9461ES Datasheet HTML 65Page - Infineon Technologies AG TLE9461ES Datasheet HTML 66Page - Infineon Technologies AG TLE9461ES Datasheet HTML 67Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
High-Speed CAN FD Transceiver
Datasheet
63
Rev.1.1
2019-09-27
Received Recessive bit
width
(CAN FD up to 2Mbps)
tbit(RXD)
400
–
550
ns
CAN Normal Mode;
CL = 100pF;
RL = 60Ω ;
VCAN = 5V;
CRXD = 15pF;
tbit(TXD) = 500ns;
Parameter definition
in according to
Figure 24.
P_9.3.38
Transmitted Recessive bit
width
(CAN FD up to 2Mbps)
tbit(BUS)
435
–
530
ns
CAN Normal Mode;
CL = 100pF;
RL = 60 Ω;
VCAN = 5 V;
CRXD = 15 pF;
tbit(TXD) = 500ns;
Parameter definition
in according to
Figure 24.
P_9.3.43
Receiver timing symmetry
(CAN FD up to 2Mbps)
∆tRec
-65
–
40
ns
7) CAN Normal Mode;
CL = 100pF;
RL = 60Ω;
VCAN = 5V;
CRXD = 15pF;
tbit(TXD) = 500ns;
Parameter definition
in according to
Figure 24.
P_9.3.44
Received Recessive bit
width
(CAN FD up to 5Mbps)
tbit(RXD)
120
–
220
ns
CAN Normal Mode;
CL = 100pF;
RL = 60Ω ;
VCAN = 5V;
CRXD = 15pF;
tbit(TXD) = 200ns;
Parameter definition
in according to
Figure 24.
P_9.3.45
Table 18
Electrical Characteristics (cont’d)
Tj = -40°C to +150°C; VS = 5.5 V to 28 V; VCAN = 4.75 V to 5.25 V; RL = 60 Ω; CAN Normal Mode; all voltages with
respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com