Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 46 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 46 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 42Page - Infineon Technologies AG TLE9461ES Datasheet HTML 43Page - Infineon Technologies AG TLE9461ES Datasheet HTML 44Page - Infineon Technologies AG TLE9461ES Datasheet HTML 45Page - Infineon Technologies AG TLE9461ES Datasheet HTML 46Page - Infineon Technologies AG TLE9461ES Datasheet HTML 47Page - Infineon Technologies AG TLE9461ES Datasheet HTML 48Page - Infineon Technologies AG TLE9461ES Datasheet HTML 49Page - Infineon Technologies AG TLE9461ES Datasheet HTML 50Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Voltage Regulator 1
Datasheet
46
Rev.1.1
2019-09-27
6.3
Electrical Characteristics
Table 15
Electrical Characteristics
VS = 5.5 V to 28 V; Tj = -40°C to +150°C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min. Typ. Max.
Output Voltage including Line
and Load Regulation
VCC1,out1
4.9
5.0
5.1
V
1)SBC Normal Mode;
10µA < IVCC1< 150mA;
P_7.3.1
Output Voltage including Line
and Load Regulation
(Full Load Current Range)
VCC1,out2
4.9
5.0
5.1
V
1)SBC Normal Mode;
6V < VS < 28V;
10µA < IVCC1< 250mA
P_7.3.18
Output Voltage including Line
and Load Regulation
(Higher Accuracy Range)
VCC1,out3
4.95 –
5.05
V
1)2)SBC Normal Mode;
20mA < IVCC1 < 80mA;
8V < VS < 18V;
25°C < Tj < 125°C
P_7.3.2
Output Voltage including Line
and Load Regulation
(Low-Power Mode)
VCC1,out4
4.8
5.0
5.2
V
SBC Stop Mode;
10µA < IVCC1< IVCC1,Ipeak
P_7.3.3
Drop-OUt Voltage
VCC1,d2
–
–
500
mV
IVCC1 = 250mA,
VS = 5V
P_7.3.8
VCC1 Active Peak Threshold 1
(Transition threshold
between low-power and high-
power mode regulator)
IVCC1,Ipeak1,r 1.5
3.25
5.0
mA
2) ICC1 rising;
VS = 13.5V;
I_PEAK_TH = ‘0’
P_7.3.9
VCC1 Active Peak Threshold 1
(Transition threshold
between high-power and low-
power mode regulator)
IVCC1,Ipeak1,f
1.2
2.3
3.5
mA
2) ICC1 falling;
VS = 13.5V;
I_PEAK_TH = ‘0’
P_7.3.10
VCC1 Active Peak Threshold 2
(Transition threshold
between low-power and high-
power mode regulator)
IVCC1,Ipeak2,r 2.5
6.25
10
mA
2) ICC1 rising;
VS = 13.5V;
I_PEAK_TH = ‘1’
P_7.3.11
VCC1 Active Peak Threshold 2
(Transition threshold
between high-power and low-
power mode regulator)
IVCC1,Ipeak2,f
2.2
4.5
8
mA
2) ICC1 falling;
VS = 13.5V;
I_PEAK_TH = ‘1’
P_7.3.12
Overcurrent Limitation
(ICC1_LIM_ADJ= ‘00’)
IVCC1,lim_00
0.6
0.75
0.95
A
2)3)current flowing out
of pin, VCC1 = 0V,
VS > 6V,
default value
P_7.3.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com